Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65V05DF1 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Automotive 3-Phase IGBT Smart Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FAM65V05DF1 Datasheet HTML 3Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 4Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 5Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 6Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 7Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 8Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 9Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 10Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
© 2016 Semiconductor Component Industries, LLC
www.onsemi.com
FAM65V05DF1 Rev. 1.0
www.fairchildsemi.com
6
Electrical Specifications
Inverter part (TJ as specified)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
VCE(SAT)
Collector-Emitter Saturation
Voltage
VCC = VBS = 15 V, VIN = 5 V
IC = 50 A, TJ = 25°C
-
1.65
-
V
VCC = VBS = 15 V, VIN = 5 V
IC = 50 A, TJ = 125°C
-
1.9
2.4
V
VF
FWD Forward Voltage
VIN = 0 V, IF = 30 A, TJ = 25°C
-
2.1
-
V
VIN = 0 V, IF = 30 A, TJ = 125°C
1.9
2.5
V
HS
tON
High Side Switching Times
VPN = 300 V, VCC = VBS = 15 V
IC = 50 A
VIN = 0
V ↔ 5V, Ls=55 nH,
Inductive Load
TJ= 25°C
(4 , 5)
-
0.73
-
μs
tC(ON)
-
0.12
-
tOFF
-
0.80
-
tC(OFF)
-
0.14
-
trr
-
0.10
-
tON
High Side Switching Times
VPN = 300 V, VCC = VBS = 15 V
IC = 50 A
VIN = 0
V ↔ 5V, Ls=55 nH,
Inductive Load
TJ= 125°C
(4, 5)
-
0.70
-
μs
tC(ON)
-
0.15
-
tOFF
-
0.87
-
tC(OFF)
-
0.19
-
trr
-
0.20
-
LS
tON
Low Side Switching Times
VPN = 300 V, VCC = VBS = 15 V
IC = 50 A
VIN = 0
V ↔ 5 V, Ls=55 nH,
Inductive Load
TJ= 25°C
(4, 5)
-
0.68
-
μs
tC(ON)
-
0.20
-
tOFF
-
0.86
-
tC(OFF)
-
0.19
-
trr
-
0.14
-
tON
Low Side Switching Times
VPN = 300 V, VCC = VBS = 15 V
IC = 50 A
VIN = 0
V ↔ 5 V, Ls=55 nH,
Inductive Load
TJ= 125°C
(4,5)
-
0.64
-
μs
tC(ON)
-
0.24
-
tOFF
-
0.88
-
tC(OFF)
-
0.23
-
trr
-
0.20
-
SCWT
Short Circuit withstand time
(6)
VCC = VBS = 15 V, VPN= 450 V,
TJ= 25°C, Non-repetitive
-
5
-
μs
ICES
Collector-Emitter Leakage
Current for IGBT and diode in
parallel
TJ= 25°C, VCE = 650 V
-
3
-
μA
TJ= 125°C, VCE = 650 V
-
150
1500
μA
Notes:
4.
tON and tOFF include the propagation delay time of the internal drive IC. tC(ON) and tC(OFF) are the switching times
of IGBT itself under the given gate driving condition internally. Refer to Figure 6 for detailed information
5.
Stray inductance Ls is sum of stray inductance of module & setup
6.
Verified by design and bench-testing only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com