Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65V05DF1 Datasheet(PDF) 12 Page - ON Semiconductor

Part # FAM65V05DF1
Description  Automotive 3-Phase IGBT Smart Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65V05DF1 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FAM65V05DF1 Datasheet HTML 8Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 9Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 10Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 11Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 12Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 13Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 14Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 15Page - ON Semiconductor FAM65V05DF1 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
© 2016 Semiconductor Component Industries, LLC
www.onsemi.com
FAM65V05DF1 Rev. 1.0
www.fairchildsemi.com
11
Typical Inverter Characteristics
0.00
0.10
0.20
0.30
0.40
0.50
0
20
40
60
80
100
Forward Current IF (A)
ERR, VPN=450V, HS
ERR, VPN=450V, LS
ERR, VPN=300V, HS
ERR, VPN=300V, LS
0
25
50
75
100
125
150
175
0
100
200
300
400
500
600
700
V
CE (V)
IC Module
IC Chip
Figure 13. Reverse recovery energy DIODE inverter
(typical) versus forward current
VCC = VBS = 15 V
VIN = 0 V
↔ 5 V, Ls=55nH, Inductive Load, TJ=125°C
0.01
0.10
1.00
0.0001
0.001
0.01
0.1
1
Time Duration (s)
ZthJC IGBT
Figure 14. Reverse Bias Safe Operating Area IGBT
(RBSOA) inverter
VCC = VBS = 15 V, Tj=150°C
0.01
0.10
1.00
0.0001
0.001
0.01
0.1
1
Time Duration (s)
ZthJC DIODE
Figure 15. Transient thermal impedance IGBT inverter
Figure 16. Transient thermal impedance DIODE inverter
i:
1
2
3
4
ri [°C/W]: 0.0264 0.0615 0.132
0.05
[s]:
6.04e-6 5.8e-5 1.25e-3 5.14e-3
i:
1
2
3
4
ri [°C/W]: 0.0070 0.1389 0.2439
0.1411
[s]:
1.05e-5 1.31e-4 2.09e-3
5.86e-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com