Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8305ACP-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8305ACP-R2
Description  Range Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305ACP-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8305ACP-R2 Datasheet HTML 1Page - Analog Devices AD8305ACP-R2 Datasheet HTML 2Page - Analog Devices AD8305ACP-R2 Datasheet HTML 3Page - Analog Devices AD8305ACP-R2 Datasheet HTML 4Page - Analog Devices AD8305ACP-R2 Datasheet HTML 5Page - Analog Devices AD8305ACP-R2 Datasheet HTML 6Page - Analog Devices AD8305ACP-R2 Datasheet HTML 7Page - Analog Devices AD8305ACP-R2 Datasheet HTML 8Page - Analog Devices AD8305ACP-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD8305
Rev. C | Page 5 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12 VOUT
11 SCAL
10 BFIN
9 VLOG
VRDZ 1
VREF 2
IREF 3
INPT 4
AD8305
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD MUST BE
SOLDERED TO GROUND.
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
VRDZ
Top of a Resistive Divider Network that Offsets VLOG to Position the Intercept. Normally connected to VREF; may also
be connected to ground when bipolar outputs are to be provided.
2
VREF
Reference Output Voltage of 2.5 V.
3
IREF
Accepts (Sinks) Reference Current, IREF.
4
INPT
Accepts (Sinks) Photodiode Current, IPD. Usually connected to photodiode anode such that photo current
flows into INPT.
5
VSUM
Guard Pin. Used to shield the INPT current line and for optional adjustment of the INPT and IREF node potential.
6, 7
VNEG
Optional Negative Supply, VN (this pin is usually grounded; for details of usage, see the Applications section.
8
VPOS
Positive Supply, (VP − VN ) ≤ 12 V.
9
VLOG
Output of the Logarithmic Front End.
10
BFIN
Buffer Amplifier Noninverting Input.
11
SCAL
Buffer Amplifier Inverting Input.
12
VOUT
Buffer Output.
13 to 16
COMM
Analog Ground.
EPAD
The exposed pad must be soldered to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com