Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8305ACP-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8305ACP-R2
Description  Range Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305ACP-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8305ACP-R2 Datasheet HTML 1Page - Analog Devices AD8305ACP-R2 Datasheet HTML 2Page - Analog Devices AD8305ACP-R2 Datasheet HTML 3Page - Analog Devices AD8305ACP-R2 Datasheet HTML 4Page - Analog Devices AD8305ACP-R2 Datasheet HTML 5Page - Analog Devices AD8305ACP-R2 Datasheet HTML 6Page - Analog Devices AD8305ACP-R2 Datasheet HTML 7Page - Analog Devices AD8305ACP-R2 Datasheet HTML 8Page - Analog Devices AD8305ACP-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
100 dB Range (10 nA to 1 mA)
Logarithmic Converter
Data Sheet
AD8305
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2002–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Optimized for fiber optic photodiode interfacing
Measures current over 5 decades
Law conformance 0.1 dB from 10 nA to 1 mA
Single- or dual-supply operation (3 V to 12 V total)
Full log-ratio capabilities
Nominal slope of 10 mV/dB (200 mV/decade)
Nominal intercept of 1 nA (set by external resistor)
Optional adjustment of slope and intercept
Complete and temperature stable
Rapid response time for a given current level
Miniature 16-lead chip scale package
(LFCSP 3 mm × 3 mm)
Low power: ~5 mA quiescent current
APPLICATIONS
Optical power measurement
Wide range baseband logarithmic compression
Measurement of current and voltage ratios
Optical absorbance measurement
FUNCTIONAL BLOCK DIAGRAM
BIAS
GENERATOR
VLOG
COMM
VNEG
VSUM
IREF
0.5V
80k
Ω
0.5V
TEMPERATURE
COMPENSATION
VBE1
6.69k
Ω
Q1
COMM
20k
Ω
451
Ω
VREF
VRDZ
14.2k
Ω
Q2
INPT
COMM
2.5V
VPOS
BFIN
SCAL
VOUT
ILOG
IPD
200k
Ω
VP
0.20 log10
IPD
1nA
–
+
VBIAS
VBE2
Figure 1.
GENERAL DESCRIPTION
The AD83051 is an inexpensive microminiature logarithmic converter
optimized for determining optical power in fiber optic systems. It uses
an advanced implementation of a classic translinear (junction based)
technique to provide a large dynamic range in a versatile and easily
used form. A single-supply voltage of between 3 V and 12 V is
adequate; dual supplies may optionally be used. The low quiescent
current (typically 5 mA) permits use in battery-operated applications.
The input current, IPD, of 10 nA to 1 mA applied to the INPT pin is the
collector current of an optimally scaled NPN transistor, which converts
this current to a voltage (VBE) with a precise logarithmic relationship. A
second such converter is used to handle the reference current (IREF)
applied to pin IREF. These input nodes are biased slightly above ground
(0.5 V). This is generally acceptable for photodiode applications where
the anode does not need to be grounded. Similarly, this bias voltage is
easily accounted for in generating IREF. The output of the logarithmic
front end is available at Pin VLOG.
The basic logarithmic slope at this output is nominally 200 mV/decade
(10 mV/dB). Thus, a 100 dB range corresponds to an output change of
1 V. When this voltage (or the buffer output) is applied to an ADC that
permits an external reference voltage to be employed, the AD8305
voltage reference output of 2.5 V at Pin VREF can be used to improve
the scaling accuracy. Suitable ADCs include the AD7810 (serial 10-bit),
AD7823 (serial 8-bit), and AD7813 (parallel, 8-bit or 10-bit). Other
values of the logarithmic slope can be provided using a simple external
resistor network.
1
Protected by U.S. Patent No. 5,519,308.
The logarithmic intercept (also known as the reference current) is
nominally positioned at 1 nA by the use of the externally generated
current, IREF, of 10 µA, provided by a 200 kΩ resistor connected
between VREF, at 2.5 V, and the reference input, IREF, at 0.5 V. The
intercept can be adjusted over a wide range by varying this resistor.
The AD8305 can also operate in a log ratio mode, with the numerator
current applied to INPT and the denominator current applied to IREF.
A buffer amplifier is provided for driving a substantial load, for use in
raising the basic slope of 10 mV/dB to higher values, as a precision
comparator (threshold detector), or in implementing low-pass filters.
Its rail-to-rail output stage can swing to within 100 mV of the positive
and negative supply rails, and its peak current sourcing capacity is
25 mA.
It is a fundamental aspect of translinear logarithmic converters that the
small signal bandwidth falls as the current level diminishes, and the
low frequency noise-spectral density increases. At the 10 nA level, the
bandwidth of the AD8305 is about 50 kHz and increases in proportion
to IPD up to a maximum value of about 15 MHz. Using the buffer
amplifier, the increase in noise level at low currents can be addressed by
using it to realize low-pass filters of up to three poles.
The AD8305 is available in a 16-lead LFCSP package and is specified
for operation from −40°C to +85°C.


Similar Part No. - AD8305ACP-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8305ACP-R2 AD-AD8305ACP-R2 Datasheet
429Kb / 24P
100 dB Range (10 nA to 1 mA) ogarithmic Converter
REV. B
More results

Similar Description - AD8305ACP-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8304 AD-AD8304 Datasheet
4Mb / 20P
160 dB Range (100 pA -10 mA) Logarithmic Converter
8/02-Data Sheet changed from REV. 0 to REV. A.
AD8305 AD-AD8305 Datasheet
1Mb / 20P
100 dB Range (10 nA to 1 mA) Logarithmic Converter
3/03-Data Sheet changed from REV. 0 to REV. A.
AD8304ARUZ AD-AD8304ARUZ Datasheet
579Kb / 20P
160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
AD8304 AD-AD8304_15 Datasheet
579Kb / 20P
160 dB Range Logarithmic Converter
REV. A
AD8305 AD-AD8305_15 Datasheet
429Kb / 24P
100 dB Range Logarithmic Converter
REV. B
ADL5306 AD-ADL5306_15 Datasheet
2Mb / 16P
Low Cost Logarithmic Converter
REV. 0
ADL5310 AD-ADL5310_15 Datasheet
595Kb / 20P
Dual Logarithmic Converter
REV. A
ADL5304 AD-ADL5304_16 Datasheet
908Kb / 32P
High Speed, 200 dB Range, Logarithmic Converter
3/16-Rev. 0 to Rev. A
ADL5310 AD-ADL5310_18 Datasheet
570Kb / 20P
Dual Logarithmic Converter
4/2018-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com