Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8305ACP-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8305ACP-R2
Description  Range Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305ACP-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8305ACP-R2 Datasheet HTML 12Page - Analog Devices AD8305ACP-R2 Datasheet HTML 13Page - Analog Devices AD8305ACP-R2 Datasheet HTML 14Page - Analog Devices AD8305ACP-R2 Datasheet HTML 15Page - Analog Devices AD8305ACP-R2 Datasheet HTML 16Page - Analog Devices AD8305ACP-R2 Datasheet HTML 17Page - Analog Devices AD8305ACP-R2 Datasheet HTML 18Page - Analog Devices AD8305ACP-R2 Datasheet HTML 19Page - Analog Devices AD8305ACP-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8305
Data Sheet
Rev. C | Page 16 of 24
USING A NEGATIVE SUPPLY
Most applications of the AD8305 require only a single supply of
3.0 V to 5.5 V. However, to provide further versatility, dual supplies
may be employed, as illustrated in Figure 37.
BIAS
GENERATOR
VLOG
COMM
VNEG
VSUM
IREF
0.5V
80k
Ω
0.5V
TEMPERATURE
COMPENSATION
VBE1
VBE2
6.69kΩ
Q1
COMM
20k
Ω
451
Ω
VREF
VRDZ
14.2k
Ω
Q2
INPT
COMM
2.5V
VPOS
BFIN
SCAL
VOUT
ILOG
IPD
RREF
200k
Ω
0.5 log10
IPD
1nA
1nF
1k
Ω
VBIAS
1nF
1k
Ω
12k
Ω
5V
CFLT
10nF
8k
Ω
–
+
+
VF
C1
VN
RS
≤
VNEG ≤ –0.5V
–
RS
ISIG = IPD + IREF
Iq + ISIG
VN – VF
Iq + ISIGMAX
Figure 37. Negative Supply Application
The use of a negative supply, VN, allows the summing node to
be placed at ground level whenever the input transistor (Q1 in
Figure 33) has a sufficiently negative bias on its emitter. When
VNEG = −0.5 V, the VCE of Q1 and Q2 is the same as for the
default case when VSUM is grounded. This bias does not need
to be accurate, and a poorly defined source can be used. The
source does, however, need to be able to support the quiescent
current as well as the INPT and IREF signal current. For example,
it may be convenient to utilize a forward-biased junction
voltage of about 0.7 V or a Schottky barrier voltage of a little
over 0.5 V. The effect of supply on the dynamic range and
accuracy can be seen in Figure 10.
With the summing node at ground, the AD8305 may now be
used as a voltage-input log amp at either the numerator input,
INPT, or the denominator input, IREF, by inserting a suitably
scaled resistor from the voltage source to the relevant pin. The
overall accuracy for small input voltages is limited by the
voltage offset at the inputs of the JFET op amps.
The use of a negative supply also allows the output to swing below
ground, thereby allowing the intercept to correspond to a midrange
value of IPD. However, the voltage, VLOG, remains referenced to
the ACOM pin, and while it does not swing negative for default
operating conditions, it is free to do so, thus, adding a resistor
from VLOG to the negative supply lowers all values of VLOG,
which raises the intercept. The disadvantage of this method is
that the slope is reduced by the shunting of the external resistor,
and the poorly defined ratio of on-chip and off-chip resistances
causes errors in both the slope and the intercept.
BIAS
GENERATOR
VLOG
COMM
VNEG
VSUM
IREF
0.5V
80k
Ω
0.5V
TEMPERATURE
COMPENSATION
VBE1
6.69kΩ
Q1
COMM
20k
Ω
451Ω
VREF
VRDZ
14.2kΩ
Q2
INPT
COMM
2.5V
VPOS
BFIN
SCAL
VOUT
ILOG
5V
5V
0.5 log10
IPD
IREF
+ 2
IPD
IREF
1k
Ω
1nF
1k
Ω
1nF
28.0k
Ω
44.2k
Ω
18nF
REFERENCE
DETECTOR
SIGNAL
DETECTOR
PREF
PSIG
33nF
12.1k
Ω
–
+
VBE2
Figure 38. Optical Absorbance Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com