Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8305ACP-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8305ACP-R2
Description  Range Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305ACP-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8305ACP-R2 Datasheet HTML 5Page - Analog Devices AD8305ACP-R2 Datasheet HTML 6Page - Analog Devices AD8305ACP-R2 Datasheet HTML 7Page - Analog Devices AD8305ACP-R2 Datasheet HTML 8Page - Analog Devices AD8305ACP-R2 Datasheet HTML 9Page - Analog Devices AD8305ACP-R2 Datasheet HTML 10Page - Analog Devices AD8305ACP-R2 Datasheet HTML 11Page - Analog Devices AD8305ACP-R2 Datasheet HTML 12Page - Analog Devices AD8305ACP-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD8305
Rev. C | Page 9 of 24
IPD (A)
1.5
–2.0
1n
1.0
0.5
0
–0.5
–1.0
–1.5
10n
1µ
100n
10µ
100µ
1m
TA = 25°C
2.0
MEAN + 3σ
MEAN – 3σ
10m
Figure 21. Law Conformance Error Distribution (3σ to Either Side of Mean)
1.5
–2.0
1.0
0.5
0
–0.5
–1.0
–1.5
2.0
MEAN + 3σ @ 70°C
IPD (A)
1n
10n
100n
1µ
10µ
100µ
1m
10m
MEAN ± 3σ @ 0°C
MEAN – 3σ @ 70°C
TA = 0°C, 70°C
Figure 22. Law Conformance Error Distribution (3σ to Either Side of Mean)
IPD (A)
3
–4
1n
2
1
0
–1
–2
–3
10n
100n
1µ
10µ
100µ
1m
10m
4
TA = –40°C, +85°C
MEAN + 3σ @ –40°C
MEAN – 3σ @ –40°C
MEAN ± 3σ @ +85°C
Figure 23. Law Conformance Error Distribution (3σ to Either Side of Mean)
TEMPERATURE (°C)
20
15
10
5
0
–5
–10
–15
–20
MEAN + 3σ
MEAN – 3σ
–25
90
80
60
40
20
0
–20
10
30
50
70
–10
–30
–40
Figure 24. VREF Drift vs. Temperature (3σ to Either Side of Mean)
20
15
10
5
0
–5
–10
–15
–20
MEAN + 3σ
MEAN – 3σ
TEMPERATURE (°C)
90
80
60
40
20
0
–20
10
30
50
70
–10
–30
–40
Figure 25. VREF − VIREF Drift vs. Temperature (3σ to Either Side of Mean)
5
4
3
2
1
0
–1
–2
–3
–4
–5
TEMPERATURE (°C)
90
80
60
40
20
0
–20
10
30
50
70
–10
–30
–40
MEAN + 3σ
MEAN – 3σ
Figure 26. VINPT Drift vs. Temperature (3σ to Either Side of Mean)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com