Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8305ACP-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8305ACP-R2
Description  Range Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305ACP-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8305ACP-R2 Datasheet HTML 3Page - Analog Devices AD8305ACP-R2 Datasheet HTML 4Page - Analog Devices AD8305ACP-R2 Datasheet HTML 5Page - Analog Devices AD8305ACP-R2 Datasheet HTML 6Page - Analog Devices AD8305ACP-R2 Datasheet HTML 7Page - Analog Devices AD8305ACP-R2 Datasheet HTML 8Page - Analog Devices AD8305ACP-R2 Datasheet HTML 9Page - Analog Devices AD8305ACP-R2 Datasheet HTML 10Page - Analog Devices AD8305ACP-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD8305
Rev. C | Page 7 of 24
IREF (A)
1.4
0
1n
1.2
1.0
0.8
0.6
0.4
0.2
10n
100n
1µ
10µ
100µ
1m
10m
1.6
1.8
10nA
100nA
1µA
10µA
100µA
1mA
Figure 9. VLOG vs. IREF for Multiple Values of IPD (Decade Steps from
10 nA to 1 mA)
0.4
–0.3
0.3
0.2
0.1
0
–0.1
–0.2
0.5
+3V, 0V
–0.4
–0.5
+5V, 0V
+9V, 0V
+12V, 0V
+3V, –0.5V
+5V, –5V
IPD (A)
1n
10n
100n
1µ
10µ
100µ
1m
10m
Figure 10. Law Conformance Error vs. IPD for Various Supply Conditions (See
Annotations)
0.4
–0.3
0.3
0.2
0.1
0
–0.1
–0.2
–0.4
IPD (A)
1n
10n
100n
1µ
10µ
100µ
1m
10m
Figure 11. VINPT − VSUM vs. IPD
0.4
–0.3
0.3
0.2
0.1
0
–0.1
–0.2
0.5
–0.4
–0.5
10µA
100µA
1mA
10nA
100nA
1µA
IREF (A)
1n
10n
100n
1µ
10µ
100µ
1m
10m
Figure 12. Law Conformance Error vs. IREF for Multiple Values of IPD (Decade
Steps from 10 nA to 1 mA)
TIME (µs)
1.4
180
1.2
1.0
0.8
0.6
0.4
0.2
0
160
140
120
100
80
60
40
20
0
–20
100µA TO 1mA:T-RISE = <1µs,
T-FALL = < 1µs
10µA TO 10µA:T-RISE = <1µs,
T-FALL = < 1µs
1µATO 10µA:T-RISE = 1µs,
T-FALL = 5µs
100nA TO 1µA:T-RISE = 5µs,
T-FALL = 20µs
10nA TO 100nA: T-RISE = 20µs,
T-FALL = 30µs
Figure 13. Pulse Response − IPD to VOUT (G = 1)
TIME (µs)
1.4
180
1.2
1.0
0.8
0.6
0.4
0.2
0
160
140
120
100
80
60
40
20
0
–20
1.6
100µA TO 1mA:T-RISE = <1µs,
T-FALL = < 1µs
10µA TO 100µA:T-RISE = 1µs,
T-FALL = < 1µs
1µATO 10µA:T-RISE = 5µs,
T-FALL = 1µs
100nA TO 1µA:T-RISE = 30µs,
T-FALL = 5µs
10nA TO 100nA: T-RISE = 30µs,
T-FALL = 20µs
Figure 14. Pulse Response − IREF to VOUT (G = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com