Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8305ACP-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8305ACP-R2
Description  Range Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305ACP-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8305ACP-R2 Datasheet HTML 2Page - Analog Devices AD8305ACP-R2 Datasheet HTML 3Page - Analog Devices AD8305ACP-R2 Datasheet HTML 4Page - Analog Devices AD8305ACP-R2 Datasheet HTML 5Page - Analog Devices AD8305ACP-R2 Datasheet HTML 6Page - Analog Devices AD8305ACP-R2 Datasheet HTML 7Page - Analog Devices AD8305ACP-R2 Datasheet HTML 8Page - Analog Devices AD8305ACP-R2 Datasheet HTML 9Page - Analog Devices AD8305ACP-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8305
Data Sheet
Rev. C | Page 6 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VP = 5 V, VN = 0 V, RREF = 200 kΩ, TA = 25°C, unless otherwise noted.
IPD (A)
1.4
0
1n
1.2
1.0
0.8
0.6
0.4
0.2
10n
10µ
100µ
1m
10m
1.6
TA = –40°C, 0°C, +25°C, +70°C, +85°C
VN = 0V
–40°C
+25°C
+85°C
0°C
+70°C
100n
1µ
Figure 3. VLOG vs. IPD for Multiple Temperatures
1.4
0
1.2
1.0
0.8
0.6
0.4
0.2
1.6
–40°C
1.8
TA = –40°C, 0°C, +25°C, +70°C, +85°C
VN = 0V
+25°C
+85°C
0°C
+70°C
IREF (A)
1n
10n
10µ
100µ
1m
10m
100n
1µ
Figure 4. VLOG vs. IREF for Multiple Temperatures
1.4
0
1.2
1.0
0.8
0.6
0.4
0.2
1.6
1.8
10nA
100nA
1µA
10µA
100µA
1mA
IPD (A)
1n
10n
10µ
100µ
1m
10m
100n
1µ
Figure 5. VLOG vs. IPD for Multiple Values of IREF (Decade Steps from 10 nA to 1 mA)
IPD (A)
1.5
–2.0
1.0
0.5
0
–0.5
–1.0
–1.5
–40°C
2.0
0°C
+70°C
+25°C
TA = –40°C, 0°C, +25°C, +70°C, +85°C
VN = 0V
1n
10n
10µ
100µ
1m
10m
100n
1µ
+85°C
Figure 6. Law Conformance Error vs. IPD (at IREF = 10 µA) for Multiple
Temperatures, Normalized to 25°C
1.5
–2.0
1.0
0.5
0
–0.5
–1.0
–1.5
–40°C
2.0
0°C
+70°C
+85°C
+25°C
TA = –40°C, 0°C, +25°C, +70°C, +85°C
VN = 0V
IPD (A)
1n
10n
10µ
100µ
1m
10m
100n
1µ
Figure 7. Law Conformance Error vs. IREF (at IPD = 10 µA) for Multiple
Temperatures, Normalized to 25°C
0.4
–0.3
0.3
0.2
0.1
0
–0.1
–0.2
0.5
–0.4
–0.5
1µA
10µA
100µA
1mA
10nA
100nA
IPD (A)
1n
10n
10µ
100µ
1m
10m
100n
1µ
Figure 8. Law Conformance Error vs. IPD for Multiple Values of IREF (Decade
Steps from 10 nA to 1 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com