Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8305ACP-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8305ACP-R2
Description  Range Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305ACP-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8305ACP-R2 Datasheet HTML 14Page - Analog Devices AD8305ACP-R2 Datasheet HTML 15Page - Analog Devices AD8305ACP-R2 Datasheet HTML 16Page - Analog Devices AD8305ACP-R2 Datasheet HTML 17Page - Analog Devices AD8305ACP-R2 Datasheet HTML 18Page - Analog Devices AD8305ACP-R2 Datasheet HTML 19Page - Analog Devices AD8305ACP-R2 Datasheet HTML 20Page - Analog Devices AD8305ACP-R2 Datasheet HTML 21Page - Analog Devices AD8305ACP-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8305
Data Sheet
Rev. C | Page 18 of 24
REVERSING THE INPUT POLARITY
Some applications may require interfacing to a circuit that
sources current rather than sinks current, such as connecting to
the cathode side of a photodiode. Figure 40 shows the use of a
current mirror circuit. This allows for simultaneous monitoring
of the optical power at the cathode, and a data recovery path
using a transimpedance amplifier at the anode. The modified
Wilson mirror provides a current gain very close to unity and a
high output resistance. Figure 41 shows measured transfer
function and law conformance performance of the AD8305 in
conjunction with this current mirror interface.
2.5V
0.1µF
5V
0V
0V
1nF
200kΩ
MAT03
MAT03
DATA PATH
5V
0.1
µF
TIA
IIN ≈ IPD
10nA TO 1mA
IPD
1k
Ω
1nF
OUTPUT
VOUT = 0.2 ×
log10 (IPD/1nA)
AD8305
12
11
10
9
1
2
3
4
5
7
8
COMM COMM COMM COMM
16
13
14
15
VSUM
VRDZ
VREF
IREF
INPT
VOUT
SCAL
BFIN
VLOG
VNEG VNEG VPOS
6
Figure 40. Wilson Current Mirror for Cathode Interfacing
IPD (A)
1.4
0
1.2
1.0
0.8
0.6
0.4
0.2
1.00
0.75
0
1.6
0.50
–1.00
–0.75
–0.50
–0.25
0.25
+5V
+3V
5V
5V
+5V
+3V
1n
10n
100n
1µ
10µ
100µ
1m
10m
Figure 41. Log Output and Error Using Current Mirror with Various Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com