Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8305ACP-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8305ACP-R2
Description  Range Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305ACP-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8305ACP-R2 Datasheet HTML 11Page - Analog Devices AD8305ACP-R2 Datasheet HTML 12Page - Analog Devices AD8305ACP-R2 Datasheet HTML 13Page - Analog Devices AD8305ACP-R2 Datasheet HTML 14Page - Analog Devices AD8305ACP-R2 Datasheet HTML 15Page - Analog Devices AD8305ACP-R2 Datasheet HTML 16Page - Analog Devices AD8305ACP-R2 Datasheet HTML 17Page - Analog Devices AD8305ACP-R2 Datasheet HTML 18Page - Analog Devices AD8305ACP-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD8305
Rev. C | Page 15 of 24
CALIBRATION
The AD8305 has a nominal slope and intercept of 200 mV/decade
and 1 nA, respectively. These values are untrimmed, and the
slope alone may vary as much as 7.5% over temperature. For
this reason, it is recommended that a simple calibration be done
to achieve increased accuracy.
IPD (A)
1.4
0
1.2
1.0
0.8
0.6
0.4
0.2
4
3
2
1
0
–1
–2
–3
IDEAL OUTPUT
CALIBRATED ERROR
MEASURED OUTPUT
UNCALIBRATED ERROR
1n
10n
10µ
100µ
1m
10m
100n
1µ
Figure 36. Using Two-Point Calibration to Increase Measurement Accuracy
Figure 36 shows the improvement in accuracy when using a two
point calibration method. To perform this calibration, apply two
known currents, I1 and I2, in the linear operating range between
10 nA and 1 mA. Measure the resulting output, V1 and V2,
respectively, and calculate the slope m and intercept b.
m = (V1 − V2)/[log10(I1) − log10(I2)]
(7)
b = V1 – m × log10(I1)
(8)
The same calibration is performed with two known optical powers,
P1 and P2. This allows for calibration of the entire measurement
system while providing a simplified relationship between the
incident optical power and VLOG voltage.
m = (V1 − V2)/(P1 − P2)
(9)
b = V1 − m × P1
(10)
The uncalibrated error line in Figure 36 is generated assuming
that the slope of the measured output was 200 mV/ decade when in
fact it was actually 194 mV/decade. Correcting for this discrepancy
decreased measurement error up to 3 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com