Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8305ACP-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8305ACP-R2
Description  Range Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305ACP-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8305ACP-R2 Datasheet HTML 15Page - Analog Devices AD8305ACP-R2 Datasheet HTML 16Page - Analog Devices AD8305ACP-R2 Datasheet HTML 17Page - Analog Devices AD8305ACP-R2 Datasheet HTML 18Page - Analog Devices AD8305ACP-R2 Datasheet HTML 19Page - Analog Devices AD8305ACP-R2 Datasheet HTML 20Page - Analog Devices AD8305ACP-R2 Datasheet HTML 21Page - Analog Devices AD8305ACP-R2 Datasheet HTML 22Page - Analog Devices AD8305ACP-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD8305
Rev. C | Page 19 of 24
CHARACTERIZATION METHODS
During the characterization of the AD8305, the device was
treated as a precision current-input logarithmic converter,
because it is not practical for several reasons to generate accurate
photocurrents by illuminating a photodiode. The test currents
are generated by using well calibrated current sources, such as
the Keithley 236, or by using a high value resistor from a voltage
source to the input pin. Great care is needed when using very
small input currents. For example, the triax output connection
from the current generator was used with the guard tied to VSUM.
The input trace on the PC board was guarded by connecting
adjacent traces to VSUM.
These measures are needed to minimize the risk of leakage
current paths. With 0.5 V as the nominal bias on the INPT pin,
a leakage-path resistance of 1 GΩ to ground would subtract
0.5 nA from the input, which amounts to an error of −0.44 dB
for a source current of 10 nA. Additionally, the very high output
resistance at the input pins and the long cables commonly needed
during characterization allow 60 Hz and RF emissions to introduce
substantial measurement errors. Careful guarding techniques
are essential to reduce the pickup of these spurious signals.
VSUM
VNEG
VREF
IREF
INPT
VOUT
BFIN
VLOG
TRIAX CONNECTORS
(SIGNAL – INPT AND IREF
GUARD – VSUM
SHIELD – GROUND)
AD8305
CHARACTERIZATION
BOARD
KEITHLEY 236
KEITHLEY 236
DC MATRIX/DC SUPPLIES/DMM
VPOS
Figure 42. Primary Characterization Setup
The primary characterization setup shown in Figure 42 is used
to measure VREF, the static (dc) performance, logarithmic
conformance, slope and intercept, the voltages appearing at pins
VSUM, INPT and IREF, and the buffer offset and VREF drift with
temperature. To ensure stable operation over the full current
range of IREF and temperature extremes, filter components of
C1 = 4.7 nF and R13 = 2 kΩ are used at pin to IREF ground. In
some cases, a fixed resistor between pins VREF and IREF was
used in place of a precision current source. For the dynamic
tests, including noise and bandwidth measurements, more
specialized setups are required.
AD8305
12
11
10
9
57
8
COMM COMM COMM COMM
16
13
14
15
1
2
3
4
VSUM
VRDZ
VREF
IREF
INPT
VOUT
SCAL
BFIN
VLOG
0.1µF
OUTPUT
AD8138
EVALUATION
BOARD A
B
+IN
BNC-T
INPUT R
INPUT A
INPUT B
HP 3577A
NETWORK ANALYZER
+VS
AD8138
PROVIDES DC OFFSET
VNEG VNEG VPOS
6
Figure 43. Configuration for Buffer Amplifier Bandwidth Measurement
Figure 43 shows the configuration used to measure the buffer
amplifier bandwidth. The AD8138 evaluation board includes
provisions to offset VLOG at the buffer input, allowing
measurements over the full range of IPD using a single supply.
The network analyzer input impedances were set to 1 MΩ.
0.1µF
OUTPUT
AD8138
EVALUATION
BOARD A
B
+IN
INPUT B
INPUT A
INPUT R
HP 3577A
NETWORK ANALYZER
+VS
POWER
SPLITTER
1nF
1kΩ
1kΩ
1nF
R1
R2
AD8305
12
11
10
9
1
2
3
4
57
8
COMM COMM COMM COMM
16
13
14
15
VSUM
VRDZ
VREF
IREF
INPT
VOUT
SCAL
BFIN
VLOG
VNEG VNEG VPOS
6
Figure 44. Configuration for Logarithmic Amplifier Bandwidth Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com