Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5315ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5315ACPZ-R7
Description  Precision Wide Range High-Side Current Mirror
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5315ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5315ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Data Sheet
ADL5315
Rev. A | Page 3 of 17
SPECIFICATIONS
VPOS = 5 V, VSET = 4 V, IINPT = 3 µA, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
CURRENT MIRROR OUTPUT
IOUT (Pin 8)
Current Gain from INPT to IOUT
0.99
1.00
1.01
Current Gain from INPT to IOUT
−40°C < TA < +85°C
0.97
1.00
1.03
A/A
Nonlinearity
3 nA < IPD < 3 mA
0.25
1.00
%
Small Signal Bandwidth
IINPT = 3 nA
1
kHz
IINPT = 3 µA
1
MHz
Wideband Noise at IPDM
IINPT = 3 µA, CSET = 2.2 nF
20
nA rms
Specified Output Voltage Range
0
VPOS − 1
V
IOUT × ROUT Product
IINPT = 3 µA
900
V
MIRROR INPUT, VOLTAGE CONTROL
INPT (Pin 1), VSET (Pin 2), SREF (Pin 3)
Specified Input Current Range, IINPT
Flows from INPT pin
3n
3m
A
Specified VSET Voltage Range
2.7 V < VPOS < 6.5 V
0
VPOS − 1
V
6.5 V < VPOS < 8 V
VPOS − 6.5
VPOS − 1
V
Incremental Gain from VSET to INPT
0.2 V < VSET < 7.0 V
0.98
1
1.02
V/V
Incremental Input Resistance at VSET
VSET = 4.0 V
>100
GΩ
Input Bias Current at VSET
VSET = 4.0 V
<30
pA
SREF Voltage, Relative to VPOS
2.7 V < VPOS < 8 V
−1.04
−1.0
−0.97
V
OVERCURRENT PROTECTION
INPT Current Limit
VINPT drops to 0 V, RLIM = 0 Ω
16
mA
VINPT drops to 0 V, RLIM = 3 kΩ
6.4
8
9.6
mA
POWER SUPPLY
VPOS (Pin 6)
Supply Voltage Range
2.7
8
V
Quiescent Current
IINPT = 3 µA
1.8
2.2
mA
IINPT = 3 mA
8.3
10.2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com