Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5315ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5315ACPZ-R7
Description  Precision Wide Range High-Side Current Mirror
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5315ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5315ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ADL5315
Data Sheet
Rev. A | Page 16 of 17
EVALUATION BOARD
ADL5315
INPT
IPD
SREF
VPOS
VPOS
VSET
COMM
1
3
6
VSET
2
4
7
NC
8
IOUT
IOUT
5
RLIM
GND
SW1
R3
0
L1
0
C2
0.01
F
C1
0.01
F
C3
390pF
C4
OPEN
R5
OPEN
R2
10k
SREF
R4
4k
R1
100
Figure 35. Evaluation Board Schematic (Rev. A)
Table 4. Evaluation Board (Rev. A) Configuration Options
Component
Function
Default Conditions
VPOS, GND
Supply and ground connections.
Not applicable
INPUT, L1, C4
Input Interface: The evaluation board is configured to accept an input current at the
SMA connector labeled INPUT. Filtering of this current can be done using L1 and C4.
L1 = 0 Ω (size 0805)
C4 = open (size 00603)
R4, C3
Input Compensation. Provides essential HF compensation at the INPT pin.
C3 = 390 pF (size 0805)
R4 = 4.02 kΩ (size 0402)
SREF, VSET, SW1,
R1, R6, R7
INPT Bias Voltage. The dc voltage applied to VSET determines the voltage at INPT,
VSET = VINPT. Connecting SREF to VSET sets the bias at INPT to be 1 V below VPOS.
Opening SW1 allows for VSET to be driven externally via the SMA connector.
SW1 = closed
R1 = 100 Ω (size 0402)
R6 = R7 = 0 Ω (size 0402)
IOUT, R5
Output/Mirror Current Interface: The output current at the SMA connector labeled IOUT is
equal to the value at INPT. R5 allows a resistor to be installed for applications where a
scaled voltage referenced to IPD is desirable instead of a current.
R5 = open (size 0603)
R2
Current Limiting. An external resistor to VPOS sets the current limit at INPT from
1 mA to 16 mA. ILIM = 48 V/(RLIM + 3 kΩ). The evaluation board is configured such that
ILIM = 3.7 mA.
R2 = 10 kΩ (size 0402)
C1, C2, R3
Supply Filtering/Decoupling.
C1 = 0.01 μF (size 0402)
C2 = 0.1 μF (size 0603)
R3 = 0 Ω (size 0805)
Figure 36. Component Side Layout
Figure 37. Component Side Silkscreen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com