Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5315ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5315ACPZ-R7
Description  Precision Wide Range High-Side Current Mirror
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5315ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5315ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ADL5315
Data Sheet
Rev. A | Page 6 of 17
TYPICAL PERFORMANCE CHARACTERISTICS
VPOS = 5 V, VSET = VSREF, VOUT = 0 V, TA = 25°C, unless otherwise noted.
2.0
–2.0
1n
10m
IINPT (A)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
10m
1n
1m
100
µ
10
µ
1
µ
100n
10n
10n
100n
1
µ
10
µ
100
µ
1m
–40
°C
+25
°C
+70
°C
+85
°C
0
°C
+25
°C, +70°C, +85°C,
0
°C, –40°C
Figure 3. IOUT Linearity vs. IINPT for Multiple Temperatures,
Normalized to 25°C and IINPT = 3 µA
10m
1
µ
10
µ
100
µ
1m
3
–3
1n
IINPT (A)
10n
100n
+85
°C
+25
°C
–40
°C
2
1
0
–1
–2
Figure 4. IOUT Linearity vs. IINPT for Multiple Temperatures and
Devices Normalized to 25°C and IINPT = 3 µA
10m
3.0
0
1n
IINPT (A)
2.5
2.0
1.5
1.0
0.5
10n
100n
1
µ
10
µ
100
µ
1m
VPOS = 3.0V
VPOS = 4.6V
VPOS = 7.8V
Figure 5. Output Wideband Current Noise as a Percentage of IOUT vs.
IINPT for Multiple Values of VPOS, CSET = 2.2 nF, BW = 10 MHz
2.0
–2.0
1n
10m
IINPT (A)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
10m
1n
1m
100
µ
10
µ
1
µ
100n
10n
10n
100n
1
µ
10
µ
100
µ
1m
IINPT VS. IOUT, ALL
VOLTAGE CONDITIONS
VPOS = 2.7V, VSET = VSREF
VPOS = 5V, VSET = 2V
VPOS = 5V, VSET = VSREF
VPOS = 8V, VSET = 2V
VPOS = 8V, VSET = VSREF
Figure 6. IOUT Linearity vs. IINPT for Multiple Supply Conditions,
Normalized to VPOS = 5 V, VSET = VSREF, and IINPT = 3 µA
10m
1
µ
10
µ
100
µ
1m
40
–120
1n
IINPT (A)
0
–40
–80
20
–20
–60
–100
10n
100n
–40
°C, V
POS = 2.7V, VSET = VSREF
–40
°C, V
POS = 5V, VSET = 0V
–40
°C, V
POS = 5V, VSET = VSREF
+25
°C, V
POS = 2.7V, VSET = VSREF
+25
°C, V
POS = 5V, VSET = 0V
+25
°C, V
POS = 5V, VSET = VSREF
+85
°C, V
POS = 2.7V, VSET = VSREF
+85
°C, V
POS = 5V, VSET = 0V
+85
°C, V
POS = 5V, VSET = VSREF
Figure 7. VINPT Variation vs. IINPT for Multiple Temperatures and Voltage,
Normalized to VPOS = 5 V, VSET = VSREF, IINPT = 3 µA and 25°C
10MHz
1nA
1fA
100Hz
FREQUENCY
100pA
10pA
1pA
100fA
10fA
1kHz
10kHz
100kHz
1MHz
3.6mA
360
µA
36
µA
3.6
µA
360nA
36nA
3.6nA
Figure 8. Output Current Noise Density vs. Frequency for
Multiple Values of IINPT, VPOS = 4.6 V, VSET = VSREF, CSET = 2.2 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com