Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5315ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5315ACPZ-R7
Description  Precision Wide Range High-Side Current Mirror
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5315ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5315ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ADL5315
Data Sheet
Rev. A | Page 14 of 17
10m
1
µ
10
µ
100
µ
1m
2.2
0
100p
1n
IINPT (A)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
10n
100n
Figure 28. VSET Voltage vs. IINPT when
RLIM Is Configured for Automatic Photodiode Biasing
2.2
0
0
2
1
10
9
8
IINPT (mA)
1.4
1.6
1.8
2.0
1.2
0.2
0.4
0.6
0.8
1.0
3
4
5
6
7
Figure 29. VSET Voltage vs. IINPT when
RLIM Is Configured for Automatic Photodiode Biasing
Figure 28 and Figure 29 show the performance of the circuit in
Figure 27. The reverse bias across the photodiode is held at a
low value for small input currents to minimize dark current.
The VSET voltage increases in a linear manner at the higher input
currents to maintain accurate photodiode responsivity. The
minimum bias level for the configuration above is ~200 mV.
CHARACTERIZATION METHODS
During characterization, the ADL5315 was treated as a
precision 1:1 current mirror. To make accurate measurements
throughout the six-decade current range, calibrated Keithley
236 current sources were used to create and measure the test
currents. Measurements at low currents are very susceptible to
leakage to the ground plane. To minimize leakage on the
characterization board, the VSET pin is connected to traces that
buffer VINPT from ground. These traces are connected to the
triax guard connector to provide buffering along the cabling.
The primary characterization setup shown in Figure 30 is used
to perform all static measurements, including mirror linearity
between IINPT and IOUT, VINPT variation vs. IINPT, supply current, and
IINPT current limiting. Component selection of the characterization
board is similar to that of the evaluation board, except that triax
connectors are used instead of SMA. To measure pulse response,
noise, and small signal bandwidth, more specialized test setups
are used.
KEITHLEY 236
KEITHLEY 236
ADL5315
CHARACTERIZATION BOARD
VPOS VSET SREF COMM
IOUT
DC SUPPLIES/DMM
INPT
Figure 30. Primary Characterization Setup
The setup in Figure 31 is used to measure the output current
noise of the ADL5315. Batteries are used in numerous places to
minimize introduced noise and remove the uncertainty
resulting from the use of multiple dc supplies. In application,
properly bypassed dc supplies provide similar results. The load
resistor is chosen for each current to maximize signal-to-noise
ratio while maintaining measurement system bandwidth (when
combined with the low capacitance JFET buffer). The custom
LNA is used to overcome noise floor limitations in the
HP89410A signal analyzer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com