Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5315ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5315ACPZ-R7
Description  Precision Wide Range High-Side Current Mirror
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5315ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5315ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Data Sheet
ADL5315
Rev. A | Page 15 of 17
RINPUT
FET BUFFER
VECTOR SIGNAL
ANALYZER
HP89410A
ADL5315
VPOS
SREF
VSET
+12V
–12V
INPT
IOUT
RLOAD
2.2nF
LNA
1.5V
+
–
+
–
1.5V
9V
+
–
1.5V
+
–
–
+
9V
Figure 31. Configuration for Noise Spectral Density and Wideband Current Noise
Figure 32 shows the configuration used to measure the pulse
response of IINPT to IOUT. To create the test current pulse, Q1 is
used in a common base configuration with the Agilent 33250A
pulse generator. The output of the 33250A is a negative biased
square wave with an amplitude that results in a one decade
current step at IOUT.
RC is chosen according to what current range is desired. For
30 µA and lower, the AD8067 FET input op amp is used in a
transimpedance amplifier configuration to allow for viewing on
the TDS5104 oscilloscope. For signals greater than 30 µA, the
ADA4899-1 replaced the AD8067 to avoid limiting the
bandwidth of the ADL5315.
The configuration in Figure 33 is used to measure VINPT while
VSET is pulsed. Q1 and RC are used to generate the operating
current on the INPT pin. An Agilent 33250A pulse generator is
used on the VSET pin to create a 0.0 V to 4.0 V square wave.
The setup in Figure 34 was used to measure the small signal ac
response from IINPT to IOUT. The AD8138 differential amplifier
was used to couple the ac and dc signals together. The ac signal
was modulated to a depth of 5% of full scale over frequency.
The voltage across RF sets the dc operating point of IINPT. The
values of RF are chosen to result in decade changes in IINPT. The
ADA4899-1 op amp is used as a transimpedance amplifier for
all current conditions.
TDS5104
OSCILLOSCOPE
ADL5315
EVALUATION BOARD
INPT
VPOS VSET SREF COMM
IOUT
DC SUPPLIES/DMM
RC
RC
AGILENT 33250A
PULSE GENERATOR
Q1
Figure 32. Configuration for Pulse Response of IINPT to IOUT
RC
Q1
TDS5104
OSCILLOSCOPE
ADL5315
EVALUATION BOARD
VPOS
SREF
COMM
IOUT
DC SUPPLIES/DMM
INPT
VSET
AGILENT 33250A
PULSE GENERATOR
KEITHLEY 236
Figure 33. Configuration for Pulse Response from VSET to VINPT
NETWORK ANALYZER
OUTPUT
R
B
A
POWER
SPLITTER
AD8138
EVAL BOARD
+
+
–
–
ADL5315
EVALUATION BOARD
INPT
50
Ω
IOUT
RF
RF
VPOS VSET SREF COMM
DC SUPPLIES/DMM
Figure 34. Configuration for Small-Signal AC Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com