Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5315ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5315ACPZ-R7
Description  Precision Wide Range High-Side Current Mirror
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5315ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5315ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet
ADL5315
Rev. A | Page 5 of 17
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD. INTERNALLY CONNECTED TO COMM,
SOLDER TO GROUND.
INPT
VSET
SREF
COMM
IOUT
NC
VPOS
RLIM
1
2
3
4
8
7
6
5
ADL5315
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead LFCSP
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
INPT
Input Current. Pin sources current only.
2
VSET
Sets Voltage at INPT (Gain = 1). Range 0 V to VPOS − 1.0 V for VPOS < 6.5 V. For VPOS ≥ 6.5 V range, VPOS − 6.5 V to
VPOS − 1 V. Optional shielding of INPT trace.
3
SREF
Reference Voltage for VSET. Internally generated at VPOS − 1.0 V through 20 kΩ. Can be shorted to VSET for
standard mirror operation.
4
COMM
Analog Ground.
5
RLIM
External Resistor to VPOS. Sets current limit at INPT from 1 mA to 16 mA. ILIM = 48 V/(RLIM + 3 kΩ).
6
VPOS
Positive Supply (2.7 V to 8.0 V).
7
N/C
Optional Shielding of IOUT Trace. No connection to die.
8
IOUT
Output Current. Mirrors current at INPT with a gain of 1.0. Sources current only.
PADDLE
Exposed Pad. Internally connected to COMM, solder to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com