Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5315ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5315ACPZ-R7
Description  Precision Wide Range High-Side Current Mirror
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5315ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5315ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ADL5315
Data Sheet
Rev. A | Page 10 of 17
The VSET control is intended primarily to provide a dc bias
voltage for the mirror input, but it is also well behaved in the
presence of the VSET transients. The rise time of VINPT is largely
independent of input current because the mirror is capable of
sourcing large currents to pull up the INPT pin. The fall time,
however, is inversely proportional to IINPT because only IINPT is
available to discharge the input compensation capacitor and
other parasitics (see Figure 11). The mirror output current can
vary significantly from zero to several milliamps until VINPT is
fully settled.
NOISE PERFORMANCE
The noise performance for the ADL5315, defined as the rms
noise current as a fraction of the output dc current, generally
improves with increasing signal current. This partially results
from the relationship between the quiescent collector current
and the shot noise in the bipolar transistors. At lower signal
current levels, the noise contribution from the JFET amplifier
and other voltage noise sources appearing at INPT contribute
significantly to the current noise. Filtering noise at VSET,
whether provided by SREF or generated externally, as well as
selecting optimal external compensation components on INPT,
minimizes the amount of current noise at IOUT generated by
the voltage noise at INPT.
MIRROR RESPONSE TIME
The response time of IOUT to changes in IINPT is fundamentally a
function of input current, with small-signal bandwidth increasing
roughly in proportion to IINPT (see Figure 10). The value of the
external compensating capacitor on INPT strongly affects the
IOUT response time (as well as the VSET to VINPT fall time, as noted
in the Bias Control Interface section), although the value must
be chosen to maintain stability and prevent noise peaking.
INPUT CURRENT LIMITING
The ADL5315 provides a resistor-programmable input current
limit with a fixed maximum of 16 mA for the RLIM pin tied to
VPOS. The fixed maximum provides input short-circuit protection
to ground. The current limit is defined as the current that forces
VINPT to 0 V (when using a current source on the INPT pin).
Resistor RLIM between the VPOS and RLIM pins controls the
current limit according to
kΩ
3
V
48
+
=
LIM
LIM
R
I
over an RLIM range of 0 to 45 kΩ, corresponding to 16 mA down
to 1 mA. Larger values of RLIM can be used for currents below
1 mA (down to approximately 250 µA) with some degradation
in accuracy. See Figure 14 for more performance detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com