Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5315ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5315ACPZ-R7
Description  Precision Wide Range High-Side Current Mirror
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5315ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5315ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ADL5315
Data Sheet
Rev. A | Page 12 of 17
TRANSLINEAR LOG AMP INTERFACING
The mirror current output, IOUT, of the ADL5315 is designed
to interface directly to an Analog Devices translinear
logarithmic amplifier, such as the AD8304, AD8305, or
ADL5306.
Figure 24 shows the basic connections necessary for interfacing
the ADL5315 to the AD8305. In this configuration, the designer
can use the full current mirror range of the ADL5315 for high
accuracy power monitoring.
The measured rms noise voltage at the output of the AD8305 vs.
the input current is shown in Figure 23, both for the AD8305 by
itself and in cascade with the ADL5315. The relatively low noise
produced by the ADL5315, combined with the additional noise
filtering inherent in the frequency response characteristics of
the AD8305, results in minimal degradation to the noise
performance of the AD8305.
Careful consideration should be made to the layout of the
circuit board in this configuration. Leakage current paths in the
board itself could lead to measurement errors at the output of
the translinear log amp, particularly when measuring the low
end of the ADL5315’s dynamic range. It is recommended that
when designing such an interface that a guard potential be used
to minimize this leakage. This can be done by connecting the
translinear log amp’s VSUM pin to the NC pin of the ADL5315,
with the VSUM guard trace running on both sides of the IOUT
trace. Additional details on using VSUM can be found in the
AD8304 or AD8305 data sheets. The VSET pin of the ADL5315
can be used in a similar fashion to guard the INPT trace.
5.5m
0
1n
1m
IINPT (A)
5.0m
4.5m
4.0m
3.5m
3.0m
2.5m
2.0m
1.5m
1.0m
0.5m
10n
100n
1
µ
10
µ
100
µ
AD8305 AND
ADL5315
AD8305 ONLY
Figure 23. Measured RMS Noise of AD8305 vs. AD8305
Cascaded with ADL5315
VOLTAGE
REFERENCE
CURRENT
LIMITING
COMM
VSET
NC
INPT
DATA PATH
AD8305 INPUT
COMPENSATION
NETWORK
IPD
CURRENT
MIRROR
1:1
ADL5315
4
2
7
SREF
3
1
6
VPOS
PIN
20k
Ω
5
RLIM
RLIM
ILIM = 1mA – 16mA
3V TO 12V
8
IOUT
IPD
TIA
1
2
3
4
11
SCAL
12
VOUT
10
BFIN
9
VLOG
5
6
7
8
15
16
14
13
AD8305
VRDZ
VREF
IREF
INPT
OUTPUT
VOUT = 0.2 × LOG10 (IPDM/1nA)
200k
Ω
2k
Ω
4.7nF
1nF
1k
Ω
0.1
µF
CSET
VPOS
RLIM = 48V
ILIM
– 3k
Ω
Figure 24. Interfacing the ADL5315 to the AD8305 for High Accuracy PIN Power Monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com