Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5315ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5315ACPZ-R7
Description  Precision Wide Range High-Side Current Mirror
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5315ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5315ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5315ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Precision Wide Range (3 nA to 3 mA)
High-Side Current Mirror
Data Sheet
ADL5315
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Accurately mirrors input current (1:1 ratio) over 6 decades
Linearity 1% from 3 nA to 3 mA
Stable mirror input voltage
Voltage held 1 V below supply using internal reference
or can be set externally
Adjustable input current limit
2.7 V to 8 V single-supply operation
Miniature 8-lead LFCSP (2 mm × 3 mm)
APPLICATIONS
Optical power monitoring from a single photodiode
General voltage biasing with precision current monitoring
Voltage-to-current conversion
FUNCTIONAL BLOCK DIAGRAM
VOLTAGE
REFERENCE
CURRENT
LIMITING
COMM
VSET
NC
INPT
IPD
CURRENT
MIRROR
1:1
ADL5315
4
2
7
SREF
3
1
6
VPOS
20k
5
RLIM
8
IOUT
IPD
Figure 1.
GENERAL DESCRIPTION
The ADL5315 is a wide input current range, precision high-side
current mirror featuring a stable and user-adjustable input
voltage. It is optimized for use with PIN photodiodes, but its
flexibility and wide operating range make it suitable for a broad
array of additional applications. Over the 3 nA to 3 mA range,
the current sourced from the INPT pin is accurately mirrored
with a 1:1 ratio and sourced from the IOUT output pin. In a
typical photodiode application, the output drives a current-
input logarithmic amplifier to produce a linear-in-dB output
representing the optical power incident upon the photodiode.
For linear voltage output, a single resistor to ground is all that is
required. The photodiode anode can be connected to a high
speed transimpedance amplifier for the extraction of the data
stream. The voltage at the INPT pin is temperature stable with
respect to the voltage at the VSET input pin, which it tracks. A
temperature stable reference voltage is provided at the SREF
pin, which, when tied to VSET, fixes the voltage at INPT 1.0 V
below VPOS. VSET can also be driven from an external source.
The VSET input has very low input current and can be driven
as low as the bottom rail, facilitating nonloading voltage-to-
current conversion as well as minimizing dark current in
photodiode applications.
The ADL5315 also features adjustable input current limiting
using an external resistor from RLIM to VPOS. The maximum
current sourced by INPT (and IOUT) can be set between 1 mA
and 16 mA, beyond which the voltage at INPT falls rapidly
from its setpoint. Connecting RLIM directly to VPOS provides
basic input short-circuit protection with the default current
limit of 16 mA typical.
The ADL5315 is available in a 2 mm × 3 mm, 8-lead LFCSP and
is specified for operation from −40°C to +85°C.


Similar Part No. - ADL5315ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5315ACPZ-R7 AD-ADL5315ACPZ-R7 Datasheet
407Kb / 20P
Precision Wide Range (3 nA to 3 mA) High-Side Current Mirror
10/05-Revision 0
More results

Similar Description - ADL5315ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1466L MOTOROLA-MC1466L Datasheet
1Mb / 16P
PRECISION WIDE RANGE VOLTAGE AND CURRENT REGULATOR
logo
Zetex Semiconductors
ZXCT1051 ZETEX-ZXCT1051 Datasheet
129Kb / 8P
Precision wide input range current monitor
logo
Analog Devices
ADL5315 AD-ADL5315 Datasheet
407Kb / 20P
Precision Wide Range (3 nA to 3 mA) High-Side Current Mirror
10/05-Revision 0
logo
Zetex Semiconductors
ZXCT1051_0611 ZETEX-ZXCT1051_0611 Datasheet
667Kb / 10P
Precision wide input range current monitor
ZXCT1050 ZETEX-ZXCT1050 Datasheet
590Kb / 10P
Precision wide input range current monitor
logo
Diodes Incorporated
ZXCT1050 DIODES-ZXCT1050 Datasheet
604Kb / 10P
Precision wide input range current monitor
JUNE 2007
ZXCT1051 DIODES-ZXCT1051 Datasheet
679Kb / 10P
Precision wide input range current monitor
NOVEMBER 2006
logo
Maxim Integrated Produc...
DS3923 MAXIM-DS3923 Datasheet
817Kb / 15P
High-Speed Current Mirror
Rev 1; 8/14
logo
Analog Devices
ADL5315 AD-ADL5315_15 Datasheet
407Kb / 20P
Precision Wide Range High-Side Current Mirror
REV. 0
logo
Nell Semiconductor Co.,...
D1600C NELLSEMI-D1600C Datasheet
225Kb / 5P
Wide current range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com