Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S82K Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # S82K
Description  Switch mode Power Supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S82K Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  S82K Datasheet HTML 1Page - List of Unclassifed Manufacturers S82K Datasheet HTML 2Page - List of Unclassifed Manufacturers S82K Datasheet HTML 3Page - List of Unclassifed Manufacturers S82K Datasheet HTML 4Page - List of Unclassifed Manufacturers S82K Datasheet HTML 5Page - List of Unclassifed Manufacturers S82K Datasheet HTML 6Page - List of Unclassifed Manufacturers S82K Datasheet HTML 7Page - List of Unclassifed Manufacturers S82K Datasheet HTML 8Page - List of Unclassifed Manufacturers S82K Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
L-8
Switch mode Power Supply
S82K
3- to 240-W models without PFC
Note: 1. Defined with a 100% load and the rated input voltage (100 or 200 VAC).
2. The output specification is defined at the power supply output terminals.
3. The settings for the output voltage must be within the following range:
+V:
±1% of the rated value
−V: ±5% of the rated value
4. When using the 7.5-W single-output models within the input voltage range between 90 and 110 VDC, the protection function will operate
at a current of 95% to 160% of the rated load current.
5. When the ambient temperature exceeds 25
°C, the protection function will operate at a current of 92% to 111% of the rated load current.
6. Circuit-breaker type. To reset, turn the input power supply OFF, then after 1 min has elapsed, turn the input power supply ON again.
7. Parallel operation is set with the Parallel/Single Operation Selector Switch. (This setting is not required for S82K-10024 models.)
Item
Single output
Dual
outputs
Single output
3 W
7.5 W
7.5 W
15 W
30 W
50 W
90 W
100 W
240 W
Output
(see note 2)
Voltage adjustment
range
±10% (V.ADJ)
Not possi-
ble (see
note 3)
±10% (V.ADJ); −10% to 15% for S82K-03012/-03024/-05024
Ripple (see note 1)
2% (p-p) max.
Input variation
influence
0.5% max. (at 85 to 264 VAC input, 100% load)
0.5% max. (at 85 to
132 VAC/170 to
264 VAC input, 100%
load)
0.5% max.
(at 85 to
132 VAC/
170 to
253 VAC
input,
100% load)
Load variation
influence
1.5% max.
(0 to 100% load)
+V: 1.5%
max.
−V: 3%
max.
(0 to 100%
load)
1.5% max.
(0 to 100% load)
1.5% max.
(10 to
100% load)
Temperature variation
influence (see note 1)
0.05%/
°C max.
Start up time
100 ms max. (up to 90% of output voltage at rated input and output) 200 ms max.
300 ms
max.
Hold time
(see note 1)
20 ms min.
Additional
function
Overload protection
105% to 160% of
rated load current,
inverted L drop,
automatic reset
(see note 4)
105% to
250% of
rated load
current, in-
verted L
drop, auto-
matic reset
105% to 160% of rated load cur-
rent, inverted L drop, automatic
reset
(30-W, 50-W models: inverted L
drop, intermittent, automatic re-
set)
101% to
111% of
rated load
current, in-
verted L
drop, auto-
matic re-
set (see
note 5)
105% to 160% of rated
load current, inverted L
drop, automatic reset
Overvoltage
protection (see note 6)
No
S82K-
24024T
model only
Undervoltage alarm
indicator (DC LOW
indicator)
Yes (color: red)
S82K-
24024T
model only
Undervoltage alarm
output (DC LOW
output)
No
Yes
S82K-
24024T
model only
Parallel operation
Impossible
Possible (2 units max.)
(see note 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com