Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S82K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S82K
Description  Switch mode Power Supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S82K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S82K Datasheet HTML 1Page - List of Unclassifed Manufacturers S82K Datasheet HTML 2Page - List of Unclassifed Manufacturers S82K Datasheet HTML 3Page - List of Unclassifed Manufacturers S82K Datasheet HTML 4Page - List of Unclassifed Manufacturers S82K Datasheet HTML 5Page - List of Unclassifed Manufacturers S82K Datasheet HTML 6Page - List of Unclassifed Manufacturers S82K Datasheet HTML 7Page - List of Unclassifed Manufacturers S82K Datasheet HTML 8Page - List of Unclassifed Manufacturers S82K Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Switch mode Power Supply
S82K
L-5
Switch mode Power Supply
S82K
Ultimate DIN-track-mounting Power Supply
with a Wide Power Range from 3 to 240 W
• Wide power range: 3 to 240 W
• Wide AC input voltage range: 100 to 240 V on one body.
• Undervoltage alarm function (indicator) incorporated as stan-
dard. (With the 240-W models, applicable only to the “-T” mod-
els.) 90 and 100-W models standardized with the alarm output.
• Output/input terminal parts separated on body upper/bottom
side, respectively, for safe and smart wiring.
• Multiple pairs of output terminals;
Three pairs for 90, 100, and 240-W models
Two pairs for 30 and 50-W models
• Finger-safe terminal block with cover according to VDE0106/
P100.
• Conforms to the stringent EN50081-1 standard for universal
use in any environment subject to EMI conditions (except for
240-W models) in addition to EN50082-2 conformity for use at
any EMS environment.
• DC output ports comply to EN55022 class A, thus ensuring use
in any environment subject to EMI with recommended external
filters (3- to 100-W models).
• Meets EN61000-3-2 (limits for harmonic current emissions) with
PFC on 90, 100, and 240-W models.
• Parallel running operation (100 and 240-W models).
• Class 2 approved (except for 240-W models and 7.5-W dual
output models).
• Approvals of various international safety standards for industrial
control equipment and industrial computing systems (ITE/TE),
in addition to other important approvals.
• Six-language instruction manual provided.
Model Number Structure
I Model Number Legend
S82K -
1
2
3
4
1. Power Factor Correction
None: No
P:
Yes
3. Output Voltage
05: +5 VDC
12: +12 VDC
15: +15 VDC
24: +24 VDC
27:
±12 VDC
28:
±15 VDC
2. Power Ratings
003: 3 W
007: 7.5 W
015: 15 W
030: 30 W
050: 50 W
090: 90 W
4. Undervoltage alarm indicator/output
<For 3- to 100-W models>
None: Yes
<For 240-W models>


Similar Part No. - S82K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S82K00315 OMRON-S82K00315 Datasheet
409Kb / 24P
DIN-Rail Mount Power Supply with a Wide Power Range of 3 to 240 W
More results

Similar Description - S82K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
Switch Mode Power Supply
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
Switch Mode Power Supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
Switch Mode Power Supply
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com