Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S82K Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # S82K
Description  Switch mode Power Supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S82K Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button S82K Datasheet HTML 11Page - List of Unclassifed Manufacturers S82K Datasheet HTML 12Page - List of Unclassifed Manufacturers S82K Datasheet HTML 13Page - List of Unclassifed Manufacturers S82K Datasheet HTML 14Page - List of Unclassifed Manufacturers S82K Datasheet HTML 15Page - List of Unclassifed Manufacturers S82K Datasheet HTML 16Page - List of Unclassifed Manufacturers S82K Datasheet HTML 17Page - List of Unclassifed Manufacturers S82K Datasheet HTML 18Page - List of Unclassifed Manufacturers S82K Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Switch mode Power Supply
S82K
L-19
Dimensions
Note: All units are in millimeters unless otherwise indicated.
35
±0.15
25
±0.15
37.5
±0.1
27
±0.1
M3.5 with square washer
Mounting Holes
Two, 4.5
±0.1 dia.
S82K-003
@@ (3 W)
S82K-007
@@ (7.5 W)
(sliding
7 max.)
Note: If more than one Power Supply is installed in a
row, keep a distance of 20 mm min. (L = 20 mm
min.) between each adjacent Power Supply.
Mounting Brackets
(Supplied with the Switching Power Supply)
Used when not mounting the Power Supply directly
on the DIN track.
Attached
Mounting
Bracket
M4 or 4.5-dia.
hole
75
58.1
45
9.8
8.3
45
91
5
35
7.5
60
L
35
S82K-015
@@ (15 W)
Mounting Holes
Two, M4 or 4.5-dia. mounting holes
4.6
(sliding 7 max.)
M3.5 with square
washer
Note: If more than one Power Supply is installed in a row, keep
a distance of 20 mm min. (L = 20 mm min.) between each
adjacent Power Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com