Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S82K Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # S82K
Description  Switch mode Power Supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S82K Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button S82K Datasheet HTML 10Page - List of Unclassifed Manufacturers S82K Datasheet HTML 11Page - List of Unclassifed Manufacturers S82K Datasheet HTML 12Page - List of Unclassifed Manufacturers S82K Datasheet HTML 13Page - List of Unclassifed Manufacturers S82K Datasheet HTML 14Page - List of Unclassifed Manufacturers S82K Datasheet HTML 15Page - List of Unclassifed Manufacturers S82K Datasheet HTML 16Page - List of Unclassifed Manufacturers S82K Datasheet HTML 17Page - List of Unclassifed Manufacturers S82K Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
L-18
Switch mode Power Supply
S82K
When Using
± Output Models
The +V output detects the total output power (+V output and -V output) to trigger the short-circuit protection against overcurrent. This protection
varies depending on the -V output state. The -V output independently triggers the short-circuit protection.
I Overvoltage Protection (S82K-24024T Models Only)
The Power Supply is provided with an overvoltage protection function that protects the load and the Power Supply from possible damage by over-
voltage. When the output voltage rises above a set value, the protection function is triggered, shutting off the output voltage. If this occurs, reset
the Power Supply by turning it off for 1 minute min. and then turning it on again.
I Inrush Current, Startup Time, Hold Time
50
0
100
Output current (%)
Intermittent
operation
Output current (%)
Rated voltage
3-/7.5-/15-/90-/100-/240-W Models
30-/50-W Models
Rated voltage
Note: Do not short-circuit the output terminals of the S82K or use the S82K with excessive output current for a long time, otherwise the
internal circuitry of the S82K may be deteriorated or damaged.
10%
−10%
Variable range
Rated output
voltage
Overvoltage
protection
operating
90%
96.5%
Input ON
AC input voltage
AC input current
Output voltage
Inrush current on input application
Input OFF
Startup time: 100 to 1000 ms
max. depending on the model.
Hold time
(20 ms min.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com