Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S82K Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # S82K
Description  Switch mode Power Supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S82K Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button S82K Datasheet HTML 9Page - List of Unclassifed Manufacturers S82K Datasheet HTML 10Page - List of Unclassifed Manufacturers S82K Datasheet HTML 11Page - List of Unclassifed Manufacturers S82K Datasheet HTML 12Page - List of Unclassifed Manufacturers S82K Datasheet HTML 13Page - List of Unclassifed Manufacturers S82K Datasheet HTML 14Page - List of Unclassifed Manufacturers S82K Datasheet HTML 15Page - List of Unclassifed Manufacturers S82K Datasheet HTML 16Page - List of Unclassifed Manufacturers S82K Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Switch mode Power Supply
S82K
L-17
I Overload Protection
The Power Supply is provided with an overload protection function that protects the load and the power supply from possible damage by overcur-
rent. When the output current rises above a set value (refer to the table below), the protection function is triggered, decreasing the output voltage.
When the output current falls within the rated range, the overload protection function is automatically cleared.
Note: 1. When using the 7.5-W single-output models within the input voltage range between 90 and 110 VDC, the overload protection function
will operate at currents from 95% to 160% of the rated load current.
2. When using the 90-W model at an ambient temperature exceeding 25
°C, the overload protection function will operate at currents from
92% to 111% of the rated load current.
3. When using the 100-W model with PFC in parallel operation, the overload protection function will operate at currents from 3.78 to 4.2 A.
65
70
90
240-W Model
Parallel-Unit Operation
Note:
100-VAC input: 85 to 132 VAC
Ambient temperature (
°C)
Ambient temperature (
°C)
Single-Unit Operation
Installation A
Installation A
90-W Models
Ambient temperature (
°C)
Installation A
Installation B
240-W Model
Single-Unit Operation
Note:
100-VAC input: 85 to 132 VAC
S82K-P09024:
85-VAC input
S82K-P24024:
100-VAC input
(see note)
S82K-P24024:
100-VAC input
(see note)
(A) Standard (Vertical) Installation
(B) Horizontal Installation
Top
Top
S82K-
@@
Note: The derating curve above can be ensured for
the above two kinds of installations.
(Not permitted for
240-W models.)
Single output
Dual
outputs
Single output
3 W
7.5 W
7.5 W
15 W
30 W
50 W
90 W
100 W
240 W
Set value
105% to 160% of rated load
current (see note 1)
105% to
250% of rat-
ed load cur-
rent
105% to 160% of rated load current
101% to
111% of rat-
ed load cur-
rent (see
notes 2 and
3)
105% to 160% of rated load
current (see note 3)
Operation
Inverted L drop type, automatic reset
Inverted L drop/intermittent
operation type, automatic
reset
Inverted L drop type, automatic reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com