Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S82K Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # S82K
Description  Switch mode Power Supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S82K Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button S82K Datasheet HTML 8Page - List of Unclassifed Manufacturers S82K Datasheet HTML 9Page - List of Unclassifed Manufacturers S82K Datasheet HTML 10Page - List of Unclassifed Manufacturers S82K Datasheet HTML 11Page - List of Unclassifed Manufacturers S82K Datasheet HTML 12Page - List of Unclassifed Manufacturers S82K Datasheet HTML 13Page - List of Unclassifed Manufacturers S82K Datasheet HTML 14Page - List of Unclassifed Manufacturers S82K Datasheet HTML 15Page - List of Unclassifed Manufacturers S82K Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
L-16
Switch mode Power Supply
S82K
Operation
I Undervoltage Alarm Indicator and Output Function
(All Models Except for S82K-24024/P24024)
If the output voltage at the output terminal drops to 75% to 90% of the rated voltage, the red indicator of the S82K (DC LOW indicator) will be lit.
In the case of the S82K-
@09024/@10024/24024T, a voltage drop alarm will be output via the relay available in the models (DC LOW output).
Note: This function detects the voltage at the output terminal of the Power Supply. To check the precise output voltage, measure the voltage at the
terminal of the load.
Note: 1. The more the voltage at the output terminal drops, the darker both the green and red indicators will be.
2. The relay contacts have a capacity of 0.1 A at 24 VDC.
3. The red indicator will actually first light at a voltage between 75% and 90% of the rated voltage.
Engineering Data
I Reference Value
I Derating Curve
Indicator
Voltage
Operation of
@09024/@10024/
24024T’s output (DC LOW output)
(see note 2)
If the voltage at the output terminal is more than 82% of
the rated voltage and operation is normal, the green in-
dicator will be lit and the red indicator will not be lit.
If the voltage at the output terminal drops to below 82%
of the rated voltage, the red indicator will be lit. (See
note 3.)
If the voltage at the output terminal approaches 0 V,
both the green and red indicators will not be lit.
Green:
DC ON
Red:
DC LOW
Green:
DC ON
Red:
DC LOW
(see note 1)
Green:
DC ON
Red:
DC LOW
Item
Value
Definition
Reliability (MTBF)
135,000 hrs min.
MTBF stands for Mean Time Between Failures, which is calculated according to the prob-
ability of accidental device failures, and indicates reliability of devices. Therefore, it does
not necessarily represent a life of the product.
Life expectancy
8 yrs. min.
The life expectancy indicates average operating hours under the ambient temperature of
40
°C and a load rate of 50%. Normally this is determined by the life expectancy of the built-
in aluminum electrolytic capacitor.
65
65
90
Ambient temperature (
°C)
3-/7.5-/15-/30-/50-/100-W Models
Ambient temperature (
°C)
Ambient temperature (
°C)
Installation A
Installation A
Installation B
100-W Models with PFC
Installation B
Parallel-Unit Operation
100-W Models without PFC
Installation A
Installation B
Single-Unit Operation
Parallel-Unit Operation
S82K-P10024:
85-VAC input
S82K-03005
Installation A
Note:
When using the 7.5-W single-output
models within the input voltage range
between 90 and 110 VDC, the load
rate will become 90% or less.
S82K-P10024:
85-VAC input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com