Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S82K Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # S82K
Description  Switch mode Power Supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S82K Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button S82K Datasheet HTML 12Page - List of Unclassifed Manufacturers S82K Datasheet HTML 13Page - List of Unclassifed Manufacturers S82K Datasheet HTML 14Page - List of Unclassifed Manufacturers S82K Datasheet HTML 15Page - List of Unclassifed Manufacturers S82K Datasheet HTML 16Page - List of Unclassifed Manufacturers S82K Datasheet HTML 17Page - List of Unclassifed Manufacturers S82K Datasheet HTML 18Page - List of Unclassifed Manufacturers S82K Datasheet HTML 19Page - List of Unclassifed Manufacturers S82K Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Switch mode Power Supply
S82K
L-21
I Accessories
M3.5 terminal screw
130
112.8
100
115
±0.2
4
9.8
8.3
35
7.8
27.5
270
115
±0.2
4.2
138
280
270
±0.2
L
S82K-
@24024@
M3.5 with square washer
Short bar
M3.5 terminal screw
Mounting Holes
Four, M4 or 4.5-dia. mounting holes
Four, 4.5 dia.
(sliding 8 max.)
Note: If more than one Power Supply is installed in a row, keep a distance of
20 mm min. (L = 20 mm min.) between each adjacent Power Supply.
4.5
15
25
25
25
25
10
10
1,000 (500)
7.3
±0.15
35
±0.3
27
±0.15
1
15 (5)
4.5
15
25
25
25
25
15
10
10
1,000
35
±0.3 27
24
16
29.2
1
1.5
39
±0.5
B
±1
D
±1
6.5
4
6.5
C
±0.5
4
47
±1
(see note)
(see note)
PFP-100N2
16 max.
A max.
Six, M4
16 max.
Nameplate
Two, 4.8 dia.
(Mounting
holes)
Mounting Track (Order Separately)
PFP-100N/PFP-50N
Note: The values shown in parentheses are for the
PFP-50N.
Noise Filter (Order Separately)
S82Y-JF3-N for 3- to 50-W Models
S82Y-JF6-N for 90- and 100-W Models
Model
A
B
C
D
S82Y-JF3-N
107
75
90
26
S82Y-JF6-N
117
85
100
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com