Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S82K Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # S82K
Description  Switch mode Power Supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S82K Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button S82K Datasheet HTML 12Page - List of Unclassifed Manufacturers S82K Datasheet HTML 13Page - List of Unclassifed Manufacturers S82K Datasheet HTML 14Page - List of Unclassifed Manufacturers S82K Datasheet HTML 15Page - List of Unclassifed Manufacturers S82K Datasheet HTML 16Page - List of Unclassifed Manufacturers S82K Datasheet HTML 17Page - List of Unclassifed Manufacturers S82K Datasheet HTML 18Page - List of Unclassifed Manufacturers S82K Datasheet HTML 19Page - List of Unclassifed Manufacturers S82K Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
L-20
Switch mode Power Supply
S82K
4
60
80
L
35
(sliding 7 max.)
M3.5 with square washer
Four, M4 or 4.5-dia. mounting holes
Four, 4.5 dia.
Mounting Holes
S82K-030
@@ (30 W)
S82K-05024 (50 W)
Note: If more than one Power Supply is
installed in a row, keep a distance of
20 mm min. (L = 20 mm min.) between
each adjacent Power Supply.
60
135
L
58.1
75
4
60
±0.2
145
135
±0.2
91
35
7.5
5
45
8.3
9.8
Four, M4 or 4.5-dia. mounting holes
(sliding 7 max.)
M3.5 with square washer
Short bar
M3.5 terminal screw
Four, 4.5 dia.
Mounting Holes
S82K-
@09024 (90 W)
S82K-
@10024 (100 W)
Note: If more than one Power Supply is
installed in a row, keep a distance of
20 mm min. (L = 20 mm min.) between
each adjacent Power Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com