Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S82K Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # S82K
Description  Switch mode Power Supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S82K Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button S82K Datasheet HTML 7Page - List of Unclassifed Manufacturers S82K Datasheet HTML 8Page - List of Unclassifed Manufacturers S82K Datasheet HTML 9Page - List of Unclassifed Manufacturers S82K Datasheet HTML 10Page - List of Unclassifed Manufacturers S82K Datasheet HTML 11Page - List of Unclassifed Manufacturers S82K Datasheet HTML 12Page - List of Unclassifed Manufacturers S82K Datasheet HTML 13Page - List of Unclassifed Manufacturers S82K Datasheet HTML 14Page - List of Unclassifed Manufacturers S82K Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Switch mode Power Supply
S82K
L-15
I Installation
8
23
4
9
675
6
7
5
1
23
11
23
7
5
6
7
5
1
23
1
1
5
7
6
23
1
8
5
7
6
23
4
9
S82K-015
@@
S82K-030
@@/S82K-05024
S82K-
@09024/S82K-@10024
S82K-
@24024@
Bottom view
S82K-007
@@ (Dual outputs)
S82K-003
@@/S82K-007@@
(Single Output)
Bottom view
(Only for S82K-
P10024)
1. DC Output Terminals: Connect the load lines to these terminals.
2. Input Terminals: Connect the input lines to these terminals.
3. Ground Terminal (GR): Connect a ground line to this terminal.
4. Input Voltage Selector Terminals: Selects a 100 V or 200 V input voltage.
5. Output Indicator (DC ON): Lights while a Direct Current (DC) output is ON.
6. Output Voltage Adjuster(V.ADJ): It is possible to increase or decrease the
output voltage.
7. Undervoltage Alarm Indicator (DC LOW): Other than S82K-24024 and
S82K-P24024 models.
8. Undervoltage Alarm Output (DC LOW): S82K-
@09024/-@10024/-24024T
models only.
9. Parallel/Single Operation Selector: Set to "PARALLEL" or "P" for parallel
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com