Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5240ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADL5240
Data Sheet
Rev. A | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
0
5
10
15
20
25
30
35
40
45
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
4.0
3.6
OIP3
P1dB
GAIN
NOISE FIGURE
FREQUENCY (GHz)
Figure 3. AMP: Gain, P1dB, OIP3 at POUT = 4 dBm/Tone and Noise Figure vs.
Frequency
17.5
21.0
20.5
20.0
19.5
19.0
18.5
18.0
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
–40°C
+25°C
+85°C
FREQUENCY (GHz)
Figure 4. AMP: Gain vs. Frequency and Temperature
–40
–35
–30
–25
–20
–15
–10
–5
0
0.1
0.5
0.9
1.3
1.7
2.1
2.5
2.9
3.3
3.7
4.1
S12
FREQUENCY (GHz)
S11
S22
Figure 5. AMP: Input Return Loss (S11), Output Return Loss (S22), and Reverse
Isolation (S12) vs. Frequency
16
30
28
26
24
22
20
18
10
45
40
35
30
25
20
15
FREQUENCY (GHz)
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
–40°C
+25°C
+85°C
Figure 6. AMP: OIP3 at POUT = 4 dBm/Tone and P1dB vs. Frequency and
Temperature
22
46
44
42
40
38
36
34
32
30
28
26
24
–5
17
15
13
11
9
7
5
3
1
–1
–3
POUT PER TONE (dBm)
150MHz
450MHz
748MHz
943MHz
1960MHz
2140MHz
2630MHz
3600MHz
Figure 7. AMP: OIP3 vs. POUT and Frequency
1.5
2.0
2.5
3.0
3.5
4.0
4.5
04.0
3.6
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 8. AMP: Noise Figure vs. Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com