Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5240ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
ADL5240
Rev. A | Page 13 of 28
–40
0
–5
–10
–15
–20
–25
–30
–35
0.1
4.1
3.7
3.3
2.9
2.5
2.1
1.7
1.3
0.9
0.5
FREQUENCY (GHz)
S11
S12
S22
Figure 21. AMP-DSA Loop: Input Return Loss (S11), Output Return Loss (S22),
and Reverse Isolation (S12) vs. Frequency, Minimum Attenuation State
20
40
38
36
34
32
30
28
26
24
22
–6
16
12
14
10
8
6
4
2
0
–2
–4
POUT (dBm)
943MHz
2140MHz
2630MHz
Figure 22. AMP-DSA Loop: OIP3 vs. POUT and Frequency,
Minimum Attenuation State
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
–4
20
12
14
16
18
10
8
6
4
2
0
–2
POUT (dBm)
943MHz
2140MHz
2630MHz
Figure 23. AMP-DSA Loop: Gain vs. POUT and Frequency,
Minimum Attenuation State
0
22
20
18
16
14
12
10
8
6
4
2
0.1
4.1
3.7
3.3
2.9
2.5
2.1
1.7
1.3
0.9
0.5
FREQUENCY (GHz)
GAIN
NOISE FIGURE
Figure 24. DSA-AMP Loop: Gain and Noise Figure vs. Frequency,
Minimum Attenuation State
–35
–30
–25
–20
–15
–10
–5
0
0.1
0.5
0.9
1.3
1.7
2.1
2.5
2.9
3.3
3.7
4.1
S12
FREQUENCY (GHz)
S11
S22
Figure 25. DSA-AMP Loop: Input Return Loss (S11), Output Return Loss (S22),
and Reverse Isolation (S12) vs. Frequency, Minimum Attenuation State
24
44
38
40
42
36
34
32
30
28
26
–6
16
12
14
10
8
6
4
2
0
–2
–4
POUT (dBm)
943MHz
2140MHz
2630MHz
Figure 26. DSA-AMP Loop: OIP3 vs. POUT and Frequency,
Minimum Attenuation State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com