Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5240ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADL5240
Data Sheet
Rev. A | Page 20 of 28
LOOP PERFORMANCE
The ADL5240 can beconfigured sothateither theDSAprecedes
the amplifier (see Figure 37)or the amplifier precedesthe DSA
(see Figure 38). The performanceof the loop configurationsis
presented in Figure 20 toFigure27. To improvetheoverall return
loss, a shunt capacitor can be placed between the amplifier and
DSA. This helps to align the phases of the two blocks.
NC
VDD
NC
NC
NC
DSAOUT
NC
NC
NC
NC
VDD
DSAIN
ADL5240
NC
NC
NC
NC
SERIAL PARALLEL INTERFACE
68pF
100pF
1.2nF
470nH
VDD
VDD
0.1µF
RFOUT
RFIN
100pF
1µF
VCC
0.1µF
C1
C2
C3
C4
C5
C6
C7
L1
1
2
3
4
5
6
7
8
9 10
16
15
14
13
12
11
24
23
22
21
20
19
18
17
32 31
25
26
27
28
29
30
Figure 37. DSA-AMP Loop Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com