Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5240ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADL5240
Data Sheet
Rev. A | Page 24 of 28
5
4
3
2
1
AMPIN
5
4
3
2
1
DSAOUT
C8
C5
R15
R17
R14
R16
R2
C17
2
3
1
S1
VDD
24
1
8
7
6
5
3
23
22
20
19
18
17
2
21
4
U1
R1
5
4
3
2
1
AMPOUT
C13
VCC
C4
5
4
3
2
1
DSAIN
C1
C14
C15
R11
R10
R13
R12
2
1
L1
VDD
VDD
D5
D4
D6
CLK_D0
DATA_D1
LE_D2
D3
0
DNI
1µF
RED
1200pF
0.1µF
100pF
DNI
0
DNI
0
0.1µF
DNI
0
68pF
470nH
0
DNI
0
DNI
ADL5240ACPZ
RED
DNI
0
DNI
0
0.1µF
0
DNI
0
DNI
100pF
VDD
NC
NC
DSAOUT
NC
NC
NC
NC
NC
NC
NC
NC
DSAIN
NC
NC
VDD
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
Figure 41. ADL5240 Evaluation Board
Table 8. EvaluationBoard ConfigurationOptions
Component
Function/Notes
Default Value
C1, C2
Input/output dc blocking capacitors for DSA.
C1, C2 = 100 pF
C3, C4
Input/output dc blocking capacitors for AMP.
C3, C4 = 0.1 µF
C5, C6, C7
Power supply decoupling foramplifier. The bias associated with the AMPOUT pin is
the most sensitive to noise because the bias is connected directly to the output. The
smallest capacitor (C7) should be the closest to the AMPOUT pin.
C5 = 1 µF
C6 = 1.2 nF
C7 = 68 pF
C8
Power supply decoupling forthe DSA.
C8 = 0.1 µF
L1
The bias for the amplifier comes through L1 when VCC is connected to a 5 V supply.
L1 should be high impedance for the frequency of operation while providing low
resistance for the dc current.
L1 = 470 nH
R1, R2
Resistors to connect the supply for the amplifier and the DSA to the same VDD plane. R1, R2 = open
R10, R11, R14, R15
These resistorsareused to terminate RF couplingonto thetraces andto close theloop.
R10, R11, R14, R15 =
0 Ω
R12, R13, R16, R17
R12 and R16 are replaced with capacitors, and R13 and R17 are replaced with 0 Ω to
close the loop.
R12, R13, R16, R17 =
open
S1
Switch to change between the serial mode and parallel mode of operation. Connect
to supply for parallel mode and to ground for serial mode operation.
S1 connected to
ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com