Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5240ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADL5240
Data Sheet
Rev. A | Page 18 of 28
SPI TIMING
Table 5 provides details aboutthe timing characteristics for the
SPI signals—namely, the clock(CLK), latch enable (LE), and
data (DATA)signals—and Figure 35 shows the corresponding
SPI timing diagram.
SPI Timing Sequence
Figure 36 is thetiming sequence fortheSPIfunction using a 6-bit
operation.Theclockcanbeas fast as20 MHz. In serialmode,
Register B5 (MSB)is first and Register B0 (LSB)is last.
Table 4. Mode SelectionTable
Pin 32 (SEL)
Functionality
Connect to Ground
Serial mode
Connect to Supply
Parallel mode
Table 5. SPI TimingSetup
Parameter
Limit
Unit
Test Conditions/Comments
fCLK
10
MHz
Data clock frequency
t1
25
ns min
Clock high time
t2
25
ns min
Clock low time
t3
10
ns min
Data to clock setup time
t4
10
ns min
Clock to data hold time
t5
10
ns min
Clock low to LE setup time
t6
30
ns min
LE pulse width
t3
t1
t2
t5
t6
t4
DON'T CARE
DON'T CARE
B4
B3
B2
B1
DON'T CARE
DON'T CARE
LE
MSB
B5
CLK
DATA
LSB
B0
Figure 35. SPI Timing Diagram (Data Is Loaded MSB First), Serial Mode
DON'T CARE
DON'T CARE
B4
B3
B2
B1
DON'T CARE
DON'T CARE
D2/LE
MSB
B5
D0/CLK
D1/DATA
LSB
B0
D6
Figure 36. SPI Timing Sequence, Serial Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com