Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5240ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
ADL5240
Rev. A | Page 23 of 28
EVALUATION BOARD
The schematicof the ADL5240 evaluation boardis shown in
Figure 41, the evaluationboardconfigurationoptionsaredetailed
in Table 8, and the layout of the ADL5240 evaluation board is
shown in Figure43 and Figure44. Each RFtrace on theevaluation
board has a characteristicimpedance of 50 Ω and is fabricated
on Rogers3003 material. In addition, each trace is a coplanar
waveguide(CPWG)witha width of25 mils, a spacing of20 mils,
and a dielectric thickness of 10 mils. The input to and output
from theDSA and amplifier shouldbeac-coupled with capacitors
of appropriatevaluesto ensurethe broadband performance.
The bias to the amplifier is provided by connecting a choke to
the AMPOUT pin. Bypassing capacitors arerecommendedon
all supply lines to minimize the RF coupling. The DSA and the
amplifier can be individually biased or connected to the VDD
plane using Resistors R2 and R1.
The ADL5240 can be operated in two ways: the amplifier can
precede the DSA (AMP-DSA loopconfiguration)or the DSA
can precede the amplifier (DSA-AMP loop configuration). The
evaluation boardcan be configured to handleeitheroption. In
normal operation, R12 and R13 are open, and R10 and R11 are
0 Ω and are used to terminateany RF coupling onto the bypass
trace. ToconfiguretheADL5240 in AMP-DSA loopconfiguration,
R12 should be replaced with a capacitor, R13 should be replaced
with a 0 Ω resistor,andR10 andR11 shouldbeleft open.Similarly,
to configure the ADL5240 in the DSA-AMP loop configuration,
R16 should be replaced with a capacitor, R17 should be replaced
with a 0 Ω resistor, and R14 and R15 should be left open.
The digital signal traces incorporate a footprint for an RC filter
to prevent potential noisefromcouplingontothesignal.In normal
operation, series resistors are0 Ω and shunt resistorsand
capacitors are open.
The evaluation board is designed to control DSA in either
parallel or serial mode by connecting the SEL pin to the supply
or ground by a switch.
For adjusting attenuation at DSA, the ADL5240 can be
programmedin two ways: through the on-board USBinterface
from a PC USB port, or through an SDP board, which will
become the Analog Devicescommon control board in the
future. The on-board USBinterfacecircuitry of the evaluation
board is powered directly by the PC. USB based programming
software is availableto download fromthe ADL5240 product
page at www.analog.com. Figure45 shows the window of the
programming softwarewhere the user selects serial or parallel
mode for the attenuation adjustmentat DSA. The selection of
the mode in the window should match the mode of the
evaluation boardswitch.
It is highly recommended to referthe evaluation boardlayout
for the optimal and stableperformanceof each blockas well as
for the improvement of thermal efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com