Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5240ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADL5240
Data Sheet
Rev. A | Page 12 of 28
–40
–35
–30
–25
–20
–15
–10
–5
0
0.1
4.1
0dB
3.7
3.3
2.9
2.5
2.1
1.7
1.3
0.9
0.5
FREQUENCY (GHz)
31.5dB
Figure 15. DSA: Output Return Loss vs. Frequency, All States
30
31
32
33
34
35
36
25
30
35
40
45
55
50
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
3.6
FREQUENCY (GHz)
IIP3
IP1dB
Figure 16. DSA: Input P1dB and Input IP3 vs. Frequency,
Minimum Attenuation State
–150
–100
–50
0
50
100
150
200
0
4
8
12
16
20
24
28
32
ATTENUATION (dB)
943MHz
1960MHz
2140MHz
2630MHz
Figure 17. DSA: Phase vs. Attenuation
CH3 2.00V
CH4 200mV
M10ns 10GS/s
IT 1.0ps/pt
A CH3
1.24V
3
4
Figure 18. DSA: Gain Settling Time, 0 dB to 31.5 dB
CH3 2.00V
CH4 200mV
M10ns 10GS/s
IT 1.0ps/pt
A CH3
1.24V
3
4
Figure 19. DSA: Gain Settling Time, 31.5 dB to 0 dB
0
22
20
18
16
14
12
10
8
6
4
2
0.1
4.1
3.7
3.3
2.9
2.5
2.1
1.7
1.3
0.9
0.5
FREQUENCY (GHz)
GAIN
NOISE FIGURE
Figure 20. AMP-DSA Loop: Gain and Noise Figure vs. Frequency,
Minimum Attenuation State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com