Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5240ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADL5240
Rev. A | Page 19 of 28
Table 6. DSA AttenuationTruth Table—SerialMode
Attenuation State (dB)
B5 (MSB)
B4
B3
B2
B1
B0 (LSB)
0 (Reference)
1
1
1
1
1
1
0.5
1
1
1
1
1
0
1.0
1
1
1
1
0
1
2.0
1
1
1
0
1
1
4.0
1
1
0
1
1
1
8.0
1
0
1
1
1
1
16.0
0
1
1
1
1
1
31.5
0
0
0
0
0
0
Table 7. DSA AttenuationTruth Table—Parallel Mode
Attenuation State (dB)
D1 (MSB)
D2
D3
D4
D5
D6 (LSB)
0 (Reference)
1
1
1
1
1
1
0.5
1
1
1
1
1
0
1.0
1
1
1
1
0
1
2.0
1
1
1
0
1
1
4.0
1
1
0
1
1
1
8.0
1
0
1
1
1
1
16.0
0
1
1
1
1
1
31.5
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com