Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5240ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADL5240
Data Sheet
Rev. A | Page 22 of 28
AMPLIFIER DRIVE LEVEL FOR OPTIMUM ACLR
It is usually required to drive the amplifier as high as possible in
order to maximize output power.However, properly driving
Amplifier at the ADL5240 is required to achieve optimum
ACLR performance. Once output powerapproaches P1dB and
OIP3, there is ACLR degradation. Thedriving level of amplifier
with a modulated signal should bebacked off properly from
P1dB by at least the amount of a signal crest factor for optimum
ACLR. So assuming a gain and output P1dB of Amplifier at
2140 MHzare 19 dB and 19 dBm respectively, the output
power, which is backed off by 11 dB crest factor at the
modulated signal case, is 8 dBm. Therefore, theproperinput
driving level should be under −11 dBm.
–90
–30
–40
–50
–60
–70
–80
–40
–35
–30
–25
–20
–15
–10
–5
PIN (dBm)
AMP_ADJ
AMP_ALT
Figure 39. Single Carrier WCDMA Adjacent Chanel Power Ratio vs. Input
Power at Amplifier, 2140 MHz
THERMAL CONSIDERATIONS
The ADL5240 is packaged in a thermallyefficient,5 mm× 5 mm,
32-lead LFCSP. The thermal resistance from junction to air (θJA)
is 36.8oC/W. Thethermal resistancefor theproduct wasextracted
assuming a standard 4-layerJEDEC board with 25 conductive,
epoxy filled thermal vias. The thermal resistance fromjunction
to case (θJC) is 6.9oC/W, where case is the exposed padof the
lead frame package.
The ADL5240 consumesapproximately 93 mAwitha 5 V supply
voltage. Even though the part dissipates lessthan 0.5 W, for the
best thermal performance, it is recommended to add as many
thermal vias as possible underthe exposedpad of the LFCSP.
The thermal resistancevaluesgiven in this section assume a
minimum of 25 thermal vias arranged in a 5 × 5 array with a
diameter of 13 mils and a pitch of 25 mils. Figure 40 shows a
close-up of thethermal via distribution undertheexposedpad.
Figure 40. Exposed Pad with Thermal Via Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com