Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5336ACPZ-R7
Description  Cascadable IF VGAs with Programmable RMS Detectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5336ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Data Sheet
ADL5336
Rev. C | Page 3 of 30
SPECIFICATIONS
VS = 5 V, TA = 25°C, ZS = 200 Ω, ZL VGA1 = 200 Ω, ZL VGA2 = 100 Ω, RF input = −20 dBm at 140 MHz, maximum gain setting for both VGAs,
unless otherwise noted. 1:4 balun voltage gain is not included. All dBm numbers are with respect to each VGA’s load impedance.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
3 dB bandwidth
LF
1000
MHz
Maximum Input
INP1/INM1, IP2A/IM2A, IP2B/IM2B differential
8
V p-p
Maximum Output
OPP1/OPM1, OPP2/OPM2 differential at P1dB
5
V p-p
AC Input Impedance
VGA1
Differential across INP1, INM1
200
Ω
VGA2 Selected Input
Differential across IP2A, IM2A or IP2B, IM2B
200
Ω
VGA2 Unselected Input
10
kΩ
AC Output Impedance
VGA1
1
Ω
VGA2
3.5
Ω
GAIN CONTROL INTERFACE
GAIN1/GAIN2, MODE
Voltage Gain Range
GAIN1/GAIN2 from 0 V to 1 V
VGA1
Gain Code 00
−14.6
+9.7
dB
Gain Code 01
−12.2
+12
dB
Gain Code 10
−10.3
+13.8
dB
Gain Code 11
−8.9
+15.2
dB
VGA2
Gain Code 00
−10.8
+13.4
dB
Gain Code 01
−8.2
+15.9
dB
Gain Code 10
−6.6
+17.7
dB
Gain Code 11
−4.7
+19.5
dB
Gain Step Response Time
8.5 dB Gain Step
5
ns
Gain Slope
VGA1
MODE = VS
35
mV/dB
VGA2
35
mV/dB
Gain Error
VGAINx from 0.2 V to 0.8 V
±0.2
dB
Input Impedance
VGAINx to COM
4.6
MΩ
f = 140 MHz
Noise Figure
VGA1, Gain Code 00, VGAIN = 1 V
7.4
dB
VGA2, Gain Code 11, VGAIN = 1 V
7.1
dB
Output IP3
VGA1, Gain Code 00, VGAIN = 1 V
21 (28)
dBV (dBm)
OutputVoltage Level of 1.0 V p-p
VGA1, Gain Code 11, VGAIN = 1 V
18 (25)
dBV (dBm)
VGA2, Gain Code 00, VGAIN = 1 V
26 (36)
dBV (dBm)
VGA2, Gain Code 11, VGAIN = 1 V
24 (34)
dBV (dBm)
Output P1dB
VGA1, Gain Code 00, VGAIN = 1 V
3.5 (10.5)
dBV (dBm)
VGA1, Gain Code 11, VGAIN = 1 V
3.5 (10.5)
dBV (dBm)
VGA2, Gain Code 00, VGAIN = 1 V
4 (14)
dBV (dBm)
VGA2, Gain Code 11, VGAIN = 1 V
4 (14)
dBV (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com