Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5336ACPZ-R7
Description  Cascadable IF VGAs with Programmable RMS Detectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5336ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Data Sheet
ADL5336
Rev. C | Page 13 of 30
0
0.5
1.0
1.5
2.0
2.5
0
50
100
150
200
250
10M
100M
FREQUENCY (Hz)
GAIN CODE 00
GAIN CODE 11
GAIN CODE 00
GAIN CODE 11
Figure 35. Input Resistance and Capacitance vs. Frequency for VGA1
–90
–80
–70
–60
–50
–40
–30
–20
–10
–40
–35
–30
–25
–20
–15
–10
–5
0
0
100
200
300
400
500
600
700
800
900 1000
GAIN1 (mV)
Figure 36. S11 (re: 200 Ω) Magnitude and Phase vs. VGAIN for VGA1
10MHz
500MHz
3GHz
GAIN CODE 00
GAIN CODE 11
Figure 37. S11 (re: 50 Ω) vs. Frequency over VGAIN for VGA1
0
0.5
1.0
1.5
2.0
2.5
0
50
100
150
200
250
10M
100M
FREQUENCY (Hz)
GAIN CODE 00
GAIN CODE 11
GAIN CODE 00
GAIN CODE 11
Figure 38. Input Resistance and Capacitance vs. Frequency for VGA2
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
0
200
400
600
800
1000
GAIN2 (mV)
Figure 39. S11 (re: 200 Ω) Magnitude and Phase vs. VGAIN for VGA2
10MHz
500MHz
3GHz
GAIN CODE 00
GAIN CODE 11
Figure 40. S11 (re: 50 Ω) vs. Frequency over VGAIN for VGA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com