Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5336ACPZ-R7
Description  Cascadable IF VGAs with Programmable RMS Detectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5336ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ADL5336
Data Sheet
Rev. C | Page 10 of 30
0
5
10
15
20
25
30
35
40
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
–40°C
+25°C
+85°C
–7
–2
3
8
13
18
23
33
28
Figure 17. OIP3 vs. Frequency over Temperature for VGA1
0
2
4
6
8
10
12
14
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
GAIN1 (V)
GAIN CODE 11
GAIN CODE 00
–7
–5
–3
–1
1
3
7
5
Figure 18. OP1dB vs. VGAIN over Gain Code for VGA1
–5
–3
–1
1
3
5
7
9
11
13
15
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
–40°C
+25°C
+85°C
–12
–10
–8
–6
–4
–2
0
2
8
4
6
Figure 19. OP1dB vs. Frequency over Temperature for VGA1
0
5
10
15
20
25
30
35
40
45
50
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
–40°C
+25°C
+85°C
–10
–5
0
5
10
15
20
30
35
40
25
Figure 20. OIP3 vs. Frequency over Temperature for VGA2
0
2
4
6
8
10
12
14
16
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
GAIN2 (V)
GAIN CODE 11
GAIN CODE 00
–10
–8
–6
–4
–2
0
2
4
6
Figure 21. OP1dB vs. VGAIN over Gain Code for VGA2
0
2
4
6
8
10
12
14
16
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
–40°C
+25°C
+85°C
–10
–8
–6
–4
–2
0
2
4
6
Figure 22. OP1dB vs. Frequency over Temperature for VGA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com