Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5336ACPZ-R7
Description  Cascadable IF VGAs with Programmable RMS Detectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5336ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
ADL5336
Data Sheet
Rev. C | Page 24 of 30
As the setpoint of VGA1 increases, the total output noise decreases.
Linearity limits how high the setpoint of VGA1 for a given
system can be programmed. For two equal sinusoidal tones,
353 mV rms corresponds to 1.4 V p-p, whereas 707 mV rms
corresponds to 2.8 V p-p. For a 1.4 V p-p composite output,
IMD3 is approximately −65 dBc; however, for a 2.8 V p-p
composite output, IMD3 is theoretically 12 dB worse at −53 dBc.
For each VGA, total RTO noise increases at higher maximum-
gain settings; therefore, the overall combination of maximum
gain should be minimized while still satisfying all system
requirements with adequate margin.
In linear terms, the noise figure of the cascaded amplifiers can
be given by
NFCAS = NFVGA1 + (NFVGA2 − 1)/GVGA1
Because both VGAs are X-AMPs, the noise figure of each VGA
degrades dB-for-dB as the gain of each VGA decreases. This is
due to the attenuation ladder on the input that attenuates the
signal before the signal is gained up. If only the gain of the second
VGA is changing, the cascaded noise figure does not change
appreciably because the noise figure of the second VGA is being
divided by the constant gain of the first VGA. When the gain of
VGA2 drops to the minimum and the input signal level is still
decreasing, VGA1 takes over and its gain starts to change. The
cascaded noise figure increases dB-for-dB while the gain of VGA1
decreases.
While cascading the VGAs, keeping intermodulation distortion
components low is at direct odds with keeping noise figure and
output noise density low. It can be shown that the third-order
intercept of a cascaded system in linear terms is
P3 = 1/(1/(GVGA2P3_VGA1) + 1/P3_VGA2)
where P3_VGA1 and P3_VGA2 are the third-order intercept points of
each VGA in watts. Thus, when the overall IP3 is the largest
(distortion is the smallest), the gain of VGA2 is at its maximum.
Vice-versa, when the gain of VGA2 is at its minimum, the overall
IP3 is the smallest, and distortion is at its maximum.
Table 10 provides conditions for optimization for the output
noise density, noise figure, and distortion parameters.
Table 10. Optimized Conditions
VGA1 Gain
VGA2 Gain
Output Noise
Minimum
Minimum
Noise Figure
Maximum
Maximum1
IMD/IP3
Maximum2
Maximum
1 Having the gain of VGA2 at maximum does not change the overall noise
figure much due to the noise figure contribution of VGA2 being divided by
the gain of VGA1.
2 IMD levels do not change much over the X-Amp gain range, but best IMD
levels are achieved at high gains.
When starting from a very small input power, such that neither
VGA has reached their respective setpoints, and the analog gain
of both VGAs is forced to its maximum, the cascaded OIP3 is at
its maximum, while the cascaded noise figure is at its minimum.
As the input power is increased, each VGA keeps its gain at
maximum until its respective setpoint is reached, at which point
the gain of the VGA (whose setpoint has been reached) decreases
to accomodate the increased input power and changes the
cascaded OIP3 and noise figure.
Figure 68 shows how the OIP3 changes while input power is
varied in AGC mode, which consequently changes the analog
gains of the VGAs. The setpoint of VGA2 is fixed to 100 (or
250 mV rms), and the setpoint of VGA1 is changed from 001
(88 mV rms) to 100 (250 mV rms), and finally, to 111
(707 mV rms).
10
15
20
25
30
35
0
5
10
15
20
25
–20
–15
–10
–5
0
5
1015202530
OVERALL VOLTAGE GAIN (dB)
LOW TONE, SETPOINT = 001
HIGH TONE, SETPOINT = 001
LOW TONE, SETPOINT = 100
HIGH TONE, SETPOINT = 100
LOW TONE, SETPOINT = 111
HIGH TONE, SETPOINT = 111
Figure 68. OIP3 vs. Overall Voltage Gain over Several Setpoints;
VGA1 Gain Code = 11 and VGA2 Gain Code = 00
0
10
20
30
40
50
60
–20
–10
0
10
20
30
OVERALL VOLTAGE GAIN (dB)
SETPOINT = 001
SETPOINT = 100
SETPOINT = 111
Figure 69. Noise Figure vs. Overall Voltage Gain over Several Setpoints;
VGA1 Gain Code = 11 and VGA2 Gain Code = 00
Figure 69 shows how the NF changes while the input power is
varied in AGC, which again, consequently changes the analog
gains of the VGAs. The setpoint of VGA2 is still fixed to 100
(250 mV rms), and the changes made to the setpoint of VGA1
is the same as before.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com