Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADL5336ACPZ-R7
Description  Cascadable IF VGAs with Programmable RMS Detectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADL5336ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Data Sheet
ADL5336
Rev. C | Page 29 of 30
Components
Function
Default Conditions
U2, U3, U4, P1
Cypress microcontroller, EEPROM and LDO
U2 = MICROCHIP MICRO24LC64
U3 = Analog Devices, Inc., ADP3334ACPZ
U4 = Cypress Semiconductor
CY7C68013A-56LTXC
P1 = Mini USB Connector
C35, C36, C40, C41, C42,
C44, C46
3.3 V supply decoupling; several capacitors are used for
decoupling on the 3.3 V supply
C35, C36, C40, C41, C42, C44, C46 =
0.1 μF (0402)
C37, C45, C38, C39, C48,
C49, R59, R60, R61, R62,
R64, CR2
Cypress and EEPROM components
C38, C48 = 10 pF (0402)
C37, C39, C45, C49 = 0.1 μF (0402)
R59, R60, R61 = 2 kΩ (0402)
R62, R64 = 100 kΩ (0402)
CR2 = ROHM SML-21OMTT86
C47, C50, C52, R65, R69,
R70, CR1
LDO components
C47, C52 = 1 μF (0402)
C50 = 1000 pF (0402)
R65 = 2 kΩ (0402)
R69 = 78.7 kΩ (0402)
R70 = 140 kΩ (0402)
CR1 = ROHM SML-21OMTT86
Y1, C51, C54
Crystal oscillator and components. 24 MHz crystal oscillator
Y1 = NDK NX3225SA-24MHz
C51, C54 = 22 pF (0402)
EVALUATION BOARD CONTROL SOFTWARE
The ADL5336 evaluation board is controlled through the parallel
port on a PC. The parallel port is programmed via the ADL5336
evaluation software. This software controls the following:
The setpoints of VGA1 and VGA2
The maximum gains of VGA1 and VGA2
The input control switch of VGA2
For information about the register map, see Table 5, Table 6,
Table 7, and Table 8. For information about SPI port timing and
control, see Figure 2 and Figure 3.
After the software is downloaded and installed, start the basic user
interface to program the maximum gains, setpoints, and the input
of VGA2, see Figure 74.
To program the setpoints of each VGA, click on the respective pull-
down menu of the desired VGA under RMS Out (mVrms/dBV),
select the desired setpoint, and click Write Bits.
To program the maximum gain of each VGA, click on the respective
pull-down menu of the desired VGA under the VGA 1 Max
Gain (dB)/VGA 2 Max Gain (dB)
, select the desired maximum
gain, and click Write Bits.
When the user clicks Write Bits, a write operation executes,
immediately followed by a read operation. The updated
information is displayed in the VGA1 Current State and VGA2
Current State
fields. The gain displayed does not represent the
analog VGA gain, only the digital maximum gain.
On VGA2, the user can switch to either Input A or Input B by
selecting the slider switch, VGA 2 Switch.
Because the speed of the parallel port varies from PC to PC, the
Clock Stretch
function can be used to change the effective frequency
of the CLK line. The CLK line has a scalar range from 1 to 10;
10 is the fastest speed, and 1 is the slowest.
Figure 74. ADL5336 Software Screen Capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com