Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5336ACPZ-R7
Description  Cascadable IF VGAs with Programmable RMS Detectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5336ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Data Sheet
ADL5336
Rev. C | Page 11 of 30
0
2
4
6
8
10
12
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
VPOS (V)
–7
–5
–3
–1
1
3
5
Figure 23. OP1dB vs. Supply Voltage for VGA1
0
5
10
15
20
25
30
35
40
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VGAIN1 (V)
4.5Vdc/–40°C
5.0Vdc/–40°C
5.5Vdc/–40°C
4.5Vdc/+25°C
5.0Vdc/+25°C
5.5Vdc/+25°C
4.5Vdc/+85°C
5.0Vdc/+85°C
5.5Vdc/+85°C
Figure 24. Noise Figure vs. VGAIN1 over Supply and Temperature for VGA1
3
4
5
6
7
8
9
10
11
12
13
0
100
200
300
400
500
600
700
800
FREQUENCY (MHz)
GAIN CODE 00
GAIN CODE 01
GAIN CODE 10
GAIN CODE 11
Figure 25. Noise Figure vs. Frequency over Maximum Gains for VGA1
0
2
4
6
8
10
12
14
16
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
VPOS (V)
–10
–8
–6
–4
–2
0
2
4
6
Figure 26. OP1dB vs. Supply Voltage for VGA2
0
5
10
15
20
25
30
35
40
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VGAIN2 (V)
4.5Vdc/–40°C
5.0Vdc/–40°C
5.5Vdc/–40°C
4.5Vdc/+25°C
5.0Vdc/+25°C
5.5Vdc/+25°C
4.5Vdc/+85°C
5.0Vdc/+85°C
5.5Vdc/+85°C
Figure 27. Noise Figure vs. VGAIN2 over Supply and Temperature for VGA2
5
6
7
8
9
10
11
12
13
14
15
0
100
200
300
400
500
600
700
800
FREQUENCY (MHz)
GAIN CODE 00
GAIN CODE 01
GAIN CODE 10
GAIN CODE 11
Figure 28. Noise Figure vs. Frequency over Maximum Gains for VGA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com