Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5336ACPZ-R7
Description  Cascadable IF VGAs with Programmable RMS Detectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5336ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
ADL5336
Data Sheet
Rev. C | Page 22 of 30
EFFECT OF CAGC ON EVM
The choice of CAGC is a compromise of averaging time constant,
response time, and carrier leakage. If CAGC is selected to be too
small to speed up the response time, the AGC loop could start
tracking and leveling any amplitude envelope and corrupt the
constellation. The AGC loop bandwidth (BW) is given by the
equation
BWLOOP = 1/(2π × RAGC × CAGC)
where RAGC is the on-chip equivalent resistance of the loop.
By increasing CAGC (which decreases the loop BW), EVM can be
improved because the signal is outside of the AGC loop BW,
and therefore, the AGC no longer levels the amplitude envelope
of the signal. Figure 64 illustrates this behavior with three different
AGC capacitor values while the ADL5336 VGAs are cascaded.
There is a drastic degradation of EVM when the smaller capacitor
values are used. This example uses a 16 QAM modulated signal
at 4.5 Msym/sec using a pulse shaping filter and an alpha of
0.35. The frequency used was 140 MHz and output setpoints for
both VGAs were 250 mV rms. Both VGAs were set to maximum
gain codes of 11.
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
–65
–55
–45
–35
–25
–15
–5
5
15
25
RF INPUT POWER (dBm)
CAGC = 0.1µF
CAGC = 1000pF
CAGC = 100pF
Figure 64. EVM vs. RF Input Power over Several CAGC Values
AGC INSENSITIVITY TO MODULATION TYPE
Given that CAGC is chosen correctly for the symbol rate of the
modulated signal and carrier frequency, EVM should not degrade
much with different modulation types. The four different
modulation types, and how EVM changes with each, are shown in
Figure 65. There is an approximately 4 dB spread across the curves.
All modulated signals were set to 4.5 Msym/sec using a pulse
shaping filter and an alpha of 0.35. The frequency used was
140 MHz. CAGC = 0.1 µF and output setpoints for both VGAs were
250 mV rms. Both VGAs were set to maximum gain codes of 11.
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
–65
–55
–45
–35
–25
–15
–5
5
15
25
RF INPUT POWER (dBm)
16QAM
256QAM
QPSK
8PSK
Figure 65. EVM vs. RF Input Power Over Several Modulation Types



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com