Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5336ACPZ-R7
Description  Cascadable IF VGAs with Programmable RMS Detectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5336ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Data Sheet
ADL5336
Rev. C | Page 15 of 30
TIME (1ms/DIV)
RF INPUT
RF OUTPUT
DETO1
Figure 47. RSSI Step Response (AGC Mode) for VGA1
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
PIN (dBm)
140 MHz
350 MHz
Figure 48. VOUT vs. Input Power (PIN) over Frequency (AGC Mode) for VGA1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
PIN (dBm)
SETPOINT 000
SETPOINT 010
SETPOINT 100
SETPOINT 110
SETPOINT 001
SETPOINT 011
SETPOINT 101
SETPOINT 111
Figure 49. VOUT vs. Input Power (PIN) over Setpoint (AGC Mode) for VGA1
TIME (1ms/DIV)
RF INPUT
RF OUTPUT
DETO2
Figure 50. RSSI Step Response (AGC Mode) for VGA2
0
0.05
0.10
0.15
0.20
0.25
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
PIN (dBm)
140MHz
350MHz
Figure 51. VOUT vs. Input Power (PIN) over Frequency (AGC Mode) for VGA2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
–45 –40 –35 –30 –25 –20 –15 –10
–5
0
5
10
PIN (dBm)
SETPOINT 000
SETPOINT 010
SETPOINT 100
SETPOINT 110
SETPOINT 001
SETPOINT 011
SETPOINT 101
SETPOINT 111
Figure 52. VOUT vs. Input Power (PIN) over Setpoint (AGC Mode) for VGA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com