Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5336ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5336ACPZ-R7
Description  Cascadable IF VGAs with Programmable RMS Detectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5336ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5336ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5336ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet
ADL5336
Rev. C | Page 21 of 30
DETECTOR OUTPUT AND GAIN PIN
The ADL5336 has a pair of detector squaring cells. Each squaring
cell has a VGA output applied to its input. This is shown Figure 1
and Figure 62. These on-board detector squaring cells are used to
achieve an AGC function with the VGAs. Each of the squared
output signals is compared to a reference signal and the difference
is then output in a current-mode signal. The DTO1 pin is the
detector squaring cell output that taps off of the output VGA1,
and the DTO2 pin is the detector squaring cell output that taps
off of the output of VGA2. By shorting the DTO1 and GAIN1
pins together and putting a capacitor to ground on the DTO1/
GAIN1 node, the AGC function can be achieved using VGA1.
The same connections can be done to DTO2 and GAIN2 to
achieve the AGC function using VGA2. The MODE pin must
be pulled low for the AGC function. For more information on
the detector squaring cells and the AGC function, refer to the
AGC Operation section. For information concerning the capacitor
value used, refer to the Theory of Operation section.
COMMON-MODE BYPASSING
Decouple the two common-mode pins, VCM1 (Pin 1) and VCM2
(Pin 24), of the ADL5336 using low inductance, surface-mount
ceramic capacitors. The evaluation board has 0.1 µF capacitor
values for each of the common-mode pins (see Figure 70).
SERIAL PORT CONNECTIONS
The SPI port of the ADL5336 writes data into the device and
reads data out of it. The SPI port controls maximum VGA gain
levels, output setpoint levels, and VGA2 input selection. It is
recommended to put low-pass RC filtering on the SPI lines to
filter out any high frequency glitches if reading and writing to the
SPI port becomes problematic. Capacitors C26 through C29,
shown in Figure 70, can be populated, along with replacing the
standard 0 Ω jumper resistors (R9 to R12) to make an appropriate
low-pass RC filter network on each SPI line.
MODE AND ENABLE CONNECTIONS
The ADL5336 can have both a positive and negative gain slope.
This function is controlled by the MODE pin. When the MODE
is pulled high, it puts each VGA into traditional VGA mode, where
the gain slope is positive. When the MODE pin is pulled to
ground, both VGAs have a negative gain slope, which is needed
to obtain an AGC function with either VGA. The MODE threshold
voltage levels are VMODE > 3 V for the positive gain slope and
VMODE < 2 V for the negative gain slope.
Pulling the ENBL pin high enables the part and allows for normal
operation. If the ENBL pin is pulled low, then the ADL5336 powers
down and only draws approximately 4 mA of supply current.
ERROR VECTOR MAGNITUDE (EVM)
EVM is a measure used to quantify the performance of a digital
radio transmitter or receiver by measuring the fidelity of the digital
signal transmitted or received. Various imperfections in the link,
such as magnitude and phase imbalance, noise, and distortion,
cause the constellation points to deviate from their ideal locations.
In general, as signal power increases, the distortion components
increase. A typical receiver exhibits the three following distinct
EVM limitations vs. the received input signal power:
•
At large enough signal levels, where the distortion
components due to the harmonic nonlinearities in the
device are falling in-band, EVM degrades as signal levels
increase.
•
At medium signal levels, where the signal chain behaves in
a linear manner and the signal is well above any notable noise
contributions, EVM has a tendency to reach an optimal level
determined dominantly by either the quadrature accuracy
and I/Q gain match of the signal chain or the precision of
the test equipment.
•
As signal levels decrease, such that noise is a major
contributor, EVM performance vs. the signal level exhibits
a decibel-for-decibel degradation with decreasing signal
level. At these lower signal levels, where noise is the dominant
limitation, decibel EVM is directly proportional to the SNR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com