Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87322VF Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 2 Page - National Semiconductor (TI)

  PC87322VF Datasheet HTML 1Page - National Semiconductor (TI) PC87322VF Datasheet HTML 2Page - National Semiconductor (TI) PC87322VF Datasheet HTML 3Page - National Semiconductor (TI) PC87322VF Datasheet HTML 4Page - National Semiconductor (TI) PC87322VF Datasheet HTML 5Page - National Semiconductor (TI) PC87322VF Datasheet HTML 6Page - National Semiconductor (TI) PC87322VF Datasheet HTML 7Page - National Semiconductor (TI) PC87322VF Datasheet HTML 8Page - National Semiconductor (TI) PC87322VF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
Table of Contents
10 PIN DESCRIPTION
6
20 CONFIGURATION REGISTERS
12
21 Overview
12
22 Software Configuration
12
23 Hardware Configuration
12
24 Index and Data Registers
15
25 Base Configuration Registers
15
251 Function Enable Register (FER)
15
252 Function Address Register (FAR)
17
253 Power and Test Register (PTR)
17
254 Function Control Register (FCR)
18
255 Printer Control Register (PCR)
18
26 Power-Down Options
18
27 Power-Up Procedure and Considerations
19
271 Crystal Stabilization
19
272 UART Power-Up
19
273 FDC Power-Up
19
30 FDC REGISTER DESCRIPTION
19
31 Status Register A (SRA) Read Only
20
311 SRAPS2 Mode
21
312 SRAModel 30 Mode
21
32 Status Register B (SRB) Read Only
21
321 SRBPS2 Mode
21
322 SRBModel 30 Mode
21
33 Digital Output Register (DOR) ReadWrite
22
34 Tape Drive Register (TDR) ReadWrite
22
35 Main Status Register (MSR) Read Only
23
36 Data Rate Select Register (DSR) Write Only
23
37 Data Register (FIFO) ReadWrite
24
38 Digital Input Register (DIR) Read Only
24
381 DIRPC-AT Mode
24
382 DIRPS2 Mode
24
383 DIRModel 30 Mode
24
39 Configuration Control Register (CCR) Write Only
25
391 CCRPC-AT and PS2 Modes
25
392 CCRModel 30 Mode
25
310 Result Phase Status Registers
25
3101 Status Register 0 (ST0)
25
3102 Status Register 1 (ST1)
25
3103 Status Register 2 (ST2)
26
3104 Status Register 3 (ST3)
26
40 FDC COMMAND SET DESCRIPTION
26
41 Command Set Summary
26
42 Command Description
30
421 Configure Command
30
422 Dumpreg Command
31
423 Format Track Command31
424 Invalid Command
34
425 Lock Command
34
426 Mode Command
34
427 NSC Command
35
428 Perpendicular Mode Command
35
429 Read Data Command
36
4210 Read Deleted Data Command
38
4211 Read ID Command
38
4212 Read A Track Command
38
4213 Recalibrate Command
38
4214 Relative Seek Command
38
4215 Scan Commands
39
4216 Seek Command
39
4217 Sense Drive Status Command
39
4218 Sense Interrupt Command
39
4219 Set Track Command
40
4220 Specify Command
40
4221 Verify Command
41
4222 Version Command
41
4223 Write Data Command
41
4224 Write Deleted Data
42
50 FDC FUNCTIONAL DESCRIPTION
42
51 Microprocessor Interface
42
52 Modes of Operation
43
53 Controller Phases
43
531 Command Phase
43
532 Execution Phase
43
5321 DMA ModeFIFO Disabled
43
5322 DMA ModeFIFO Enabled
44
5323 Interrupt ModeFIFO Disabled
44
5324 Interrupt ModeFIFO Enabled
45
5325 Software Polling
45
533 Result Phase
45
534 Idle Phase
45
535 Drive Polling Phase
45
54 Data Separator
45
55 Crystal Oscillator
47
56 Perpendicular Recording Mode
48
57 Data Rate Selection
49
58 Write Precompensation
49
59 FDC Low Power Mode Logic
49
510 Reset Operation
49
60 SERIAL PORTS
50
61 Introduction
50
62 PC87322VF Serial Ports
50
621 Serial Port Registers
50
622 Line Control Register (LCR)
50
623 Programmable Baud Rate Generator
52
624 Line Status Register (LSR)
53
625 FIFO Control Register
54
626 Interrupt Identification Register (IIR)
54
627 Interrupt Enable Register (IER)
54
628 MODEM Control Register (MCR)
54
629 MODEM Status Register (MSR)
55
6210 Scratchpad Register (SCR)
55
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com