Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87322VF Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 71Page - National Semiconductor (TI) PC87322VF Datasheet HTML 72Page - National Semiconductor (TI) PC87322VF Datasheet HTML 73Page - National Semiconductor (TI) PC87322VF Datasheet HTML 74Page - National Semiconductor (TI) PC87322VF Datasheet HTML 75Page - National Semiconductor (TI) PC87322VF Datasheet HTML 76Page - National Semiconductor (TI) PC87322VF Datasheet HTML 77Page - National Semiconductor (TI) PC87322VF Datasheet HTML 78Page - National Semiconductor (TI) PC87322VF Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
90 Device Description (Continued)
9215 Enhanced Parallel Port Timing
Symbol
Parameter
Conditions
Min
Max
Units
tWW
WRITE Active from WR Active (Note 1)
45
ns
tWST
DSTRB or ASTRB Active from
EPP 17
45
ns
WR Active (Notes 1 2)
EPP 19
65
ns
tWEST
DSTRB or ASTRB Active after
EPP 17
0
ns
WRITE Active
EPP 19
10
ns
tWPDh
PD0 – 7 Hold after DSTRB or ASTRB Inactive
50
ns
tHRW
IOCHRDY Active after WAIT Active
EPP 17
40
ns
(Note 3)
tWPDS
PD0 – PD7 Valid after WRITE Active
D0 – D7 is Stable 15 ns
15
ns
before WR Active
tEPDW
210
ns
tEPDh
0ns
tZWSa
ZWS valid after WR or RD active
45
ns
tZWSh
ZWS hold after WR or RD inactive
0
ns
Note 1
tWST and tWW are valid in EPP 19 only if WAIT is low when WR becomes active else tWST and tWW are measured from WAIT
Note 2
The PC87322VF design guarantees that WRITE will not change from low to high before DSTRB or ASTRB goes from low to high
Note 3
In EPP 19 IOCHRDY is measured from WR or RD
TLC11870 – 47
FIGURE 9-17 Enhanced Parallel Port Timing
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com