Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87322VF Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87322VF
Description  Floppy Disk Controller with Dual UARTs, Enhanced Parallel Port, and IDE Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87322VF Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button PC87322VF Datasheet HTML 4Page - National Semiconductor (TI) PC87322VF Datasheet HTML 5Page - National Semiconductor (TI) PC87322VF Datasheet HTML 6Page - National Semiconductor (TI) PC87322VF Datasheet HTML 7Page - National Semiconductor (TI) PC87322VF Datasheet HTML 8Page - National Semiconductor (TI) PC87322VF Datasheet HTML 9Page - National Semiconductor (TI) PC87322VF Datasheet HTML 10Page - National Semiconductor (TI) PC87322VF Datasheet HTML 11Page - National Semiconductor (TI) PC87322VF Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
10 Pin Description (Continued)
Symbol
Pin
IO
Function
DIR
41
O
Direction
This output determines the direction of the floppy disk drive (FDD) head movement (active
e
step in inactive e step out) during a seek operation During read or writes DIR will be inactive
80
O
Direction
This pin provides an additional direction signal in PPM Mode when PNFe0 (See INIT and
Table 7-5 for further information)
DR01
44 45
O
Drive Select 01
These are the decoded drive select outputs that are controlled by Digital Output
Register bits D0D1 The Drive Select outputs are gated with DOR bits 4 – 7 These are active low
outputs They are encoded with information to control four FDDs when bit 4 of the Function Enable
Register (FER) is set (See MTR01 for more information) DR0 exchanges logical drive values with
DR1 when bit 4 of Function Control Register (FCR) is set (See Table 7-5 for further information)
85
O
Drive Select 1
This pin provides an additional Drive Select signal in PPM Mode when PNFe0 It is
drive select 1 when bit 4 of FCR is 0 It is drive select 0 when bit 4 of FCR is 1 This signal is active low
(See ACK and Table 7-5 for further information)
DRATE01
52 51
O
Data Rate 01
These outputs reflect the currently selected FDC data rate (bits 0 and 1 in the
Configuration Control Register (CCR) or the Data Rate Select Register (DSR) whichever was written
to last) These pins are totem-pole buffered outputs (6 mA sink 6 mA source)
DRQ
4
O
DMA Request
Active high output to signal the DMA controller that a FDC data transfer is needed
When in PC-AT or Model 30 mode this signal is enabled by bit D3 of the DOR When in PS2 mode
DRQ is always enabled and bit D3 of the DOR is reserved
DRV2
49
I
Drive2
This input indicates whether a second disk drive has been installed The state of this pin is
available from Status Register A in PS2 mode (See PNF for further information)
DSKCHG
32
I
Disk Change
The input indicates if the drive door has been opened The state of this pin is available
from the Digital Input register This pin can also be configured as the RGATE data separator
diagnostic input via the Mode command (see Section 426)
89
I
Disk Change
This pin provides an additional Disk Change signal in PPM Mode when PNFe0 (See
PD4 and Table 7-5 for further information)
DSR12
76 68
I
Data Set Ready
When low this indicates that the data set or MODEM is ready to establish a
communications link The DSR signal is a MODEM status input whose condition the CPU can test by
reading bit 5 (DSR) of the MODEM Status Register (MSR) for the appropriate channel Bit 5 is the
complement of the DSR signal Bit 1 (DDSR) of the MSR indicates whether the DSR input has
changed state since the previous reading of the MSR
Note
Whenever the DDSR bit of the MSR is set an interrupt is generated if MODEM Status interrupts are enabled
DSTRB
78
O
Data Strobe
This signal is used in EPP mode as data strobe It is active low (See AFD and Tabe 7-5
for further information)
DTR12
71 63
O
Data Terminal Ready
When low this output indicates to the MODEM or data set that the UART is
ready to establish a communications link The DTR signal can be set to an active low by programming
bit 0 (DTR) of the MODEM Control Register to a high level A Master Reset operation sets this signal
to its inactive (high) state Loop mode operation holds this signal to its inactive state (See CFG4 – 0 for
further information)
ERR
79
I
Error
This input is set low by the printer when it has detected an error This pin has a nominal 25 kX
pull-up resistor attached to it (See HDSEL and Table 7-5 for further information)
HCS0
58
O
Hard Drive Chip Select 0
This output is active in the AT mode when the hard drive registers from
1F0 – 1F7h are selected if the primary address is used or when 170 – 177h are selected if the
secondary address is used This output is inactive if the IDE interface is disabled via the Configuration
Register (See POE for further information)
HCS1
57
O
Hard Drive Chip Select 1
This output is active in the AT mode when the hard drive registers from
3F6 – 7 are selected if the primary address is used or when 376 – 377 are selected if the secondary
address is used This output is also inactive if the IDE interface is disabled via the Configuration
Register (See PDIR for further information)
HDSEL
34
O
Head Select
This output determines which side of the FDD is accessed Active selects side 1
inactive selects side 0
79
O
Head Select
This pin provides an additional Head Select signal in PPM Mode when PNFe0 (See
ERR and Table 7-5 for further information)
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com